Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL214 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # DL214
Description  Optical Fiber Transmitting IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DL214 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  DL214 Datasheet HTML 1Page - Silicon Touch Technology Inc. DL214 Datasheet HTML 2Page - Silicon Touch Technology Inc. DL214 Datasheet HTML 3Page - Silicon Touch Technology Inc. DL214 Datasheet HTML 4Page - Silicon Touch Technology Inc. DL214 Datasheet HTML 5Page - Silicon Touch Technology Inc. DL214 Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
42-DL214
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
42-DL214-A.03(pre)
-4-
Version:A.03
REQUIREMENTS FOR WAFER DELIVERY
Material: Silicon with P-Substrate
Diameter: 6 inches(≒15cm)
Thickness: 12 mils(≒300um)
Malfunctioned die:Marked with red ink or equivalent marking
HANDLING RECOMMENDATION FOR STATIC ELECTRICITY PROTECTION
(1) Avoid any circumstance that produce static electricity, e.g. rubbing against plastic, during
moving, storing and processing 42-DL214.
(2) Process 42-DL214 in a clean room with proper temperature and humidity.
(3) Ground all working machines and workers wear anti-electrostatic ring to ground during
processing.
(4) Avoid contact 42-DL214 with bare hands .If unavoided, wear anti-electrostatic ring and use
anti-electrostatic tool to pick it up.
GUARANTED TEMPERATURE AND RETENTION CYCLE
(1) The device/wafer 42-DL214 should be stored in the nitrogenous chest. The conditions suggested
are as follows:
Temperature = 23± 3℃
Relative Humidity = 50± 10%
Minimum nitrogen inflow = 3 liters/minute
(2) If the device/wafer, 42-DL214 is incidentally exposed to the air, use it for manufacturing as soon
as possible.
(3) Under the storage environment specified in item (1), six-month safe storage period is
guaranteed.


Similar Part No. - DL214

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DL211 SITI-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
DL212 SITI-DL212 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
DL213 SITI-DL213 Datasheet
114Kb / 6P
   Optical Fiber Transmitting IC
DL213B SITI-DL213B Datasheet
108Kb / 6P
   Optical Fiber Transmitting IC
More results

Similar Description - DL214

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL213 SITI-42-DL213 Datasheet
114Kb / 6P
   Optical Fiber Transmitting IC
42-DL221 SITI-42-DL221 Datasheet
115Kb / 6P
   Optical Fiber Transmitting IC
42-DL212 SITI-42-DL212 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL213B SITI-42-DL213B Datasheet
108Kb / 6P
   Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
   Optical Fiber Receiving IC
42-DL313 SITI-42-DL313 Datasheet
131Kb / 6P
   Optical Fiber Receiving IC
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
   Fiber Optic Transmitting Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com