Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL221 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # DL221
Description  Optical Fiber Transmitting IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DL221 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  DL221 Datasheet HTML 1Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 2Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 3Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 4Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 5Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
42-DL221
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-DL221-A.005.doc
-2-
Version
A.005
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Rating
Unit
Supply Voltage
VDD
-0.5 to +6.5
V
Input Voltage
VIN
-0.5 to VDD +0.5
V
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-55 to +100
Electrostatic Damage
ESD
HBM class 3
Output Voltage
VOUT
-0.5 to VDD +0.5
V
RECOMMENDED OPERATING CONDITIONS
ITEM
SYMBOL
MIN.
TYP.
MAX. UNIT
Supply Voltage
VDD
2.7
-
5.5
V
High Level Input Voltage
VIH
2
-
VDD
V
Low Level Input Voltage
VIL
0
-
0.8
V
ELECTRICAL CHARACTERISTICS (VDD=5V, TA=25℃
℃, if not mentioned )
ITEM
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNIT
High Level Input Voltage
VIH
-
2.0
-
VDD
V
Low Level Input Voltage
VIL
-
0
-
0.8
V
Input Leakage Current
IIN
VIN=VDD or VSS
-
-
1
uA
Quiescent Supply Current
IDDQ
VIN =VDD
-
0.5
-
mA
Output Sinking Current
IOUT_ON
VIN=VDD
VFLED=1.8V
2.4
3
3.6
mA
Output bias Current
IB
VOUT= VDD
VIN=VSS
-
0.14
-
mA
Propagation Delay
TPLH , TPHL
VFLED=1.8V
-
-
40
ns
Rise Time, Fall Time of
IOUT
Tr, Tf
VFLED=1.8V
-
-
9
ns
Pulse Width Distortion
Δ
Δ
Δ
Δtw
VFLED=1.8V
-8
0
8
ns
Jitter of Output Current
Δ
Δ
Δ
Δtj
VFLED=1.8V
1
-
ns
Data Rate
FDATA
NRZ Code,
VFLED=1.8V
-
-
25
Mb/s


Similar Part No. - DL221

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DL200 MOTOROLA-DL200 Datasheet
6Mb / 670P
   Sensor
logo
Vaisala
DL2000 VAISALA-DL2000 Datasheet
678Kb / 2P
   DL2000 Temperature and RH Data Logger
logo
Danisense A/S
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DL2000ID-CB100 DANISENSE-DL2000ID-CB100 Datasheet
1,000Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-03-15
DL2000ID-CD100 DANISENSE-DL2000ID-CD100 Datasheet
1,016Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-25
More results

Similar Description - DL221

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL213 SITI-42-DL213 Datasheet
114Kb / 6P
   Optical Fiber Transmitting IC
42-DL214 SITI-42-DL214 Datasheet
412Kb / 6P
   Optical Fiber Transmitting IC
42-DL212 SITI-42-DL212 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL213B SITI-42-DL213B Datasheet
108Kb / 6P
   Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
   Optical Fiber Receiving IC
42-DL313 SITI-42-DL313 Datasheet
131Kb / 6P
   Optical Fiber Receiving IC
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
   Fiber Optic Transmitting Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com