Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM132 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM132
Description  16-Channel PWM-Controlled Constant Current Driver for LED Displays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM132 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM132 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM132
DM132
Version
:A.014
Page
:5
Pin Description
NAME
PIN NO.
I/O
DESCRIPTION
CMD[2:0] SDIP/SOP:
22, 23, 24
QFN:
30, 31, 32
I Encoded commands for data transfer, time division
operation and PWM display:
CMD[2:0]
Command
[000]: Mode-1 time division operation / No operation
for display
[001]: Mode-2 time division operation / No operation
for display
[010]: Data transfer enable (Shift-In)
[011]: Data latch strobe (Capture)
[100]: First LED emitting
[101]: Second LED emitting
[110]: LED emitting disable / IOUT disable (Stop)
[111]:
Test mode
CMD commands are latched at the rising edges of
DCLK.
DIN
SDIP/SOP: 25
QFN: 1
I Serial input for luminance data (time division mode-1/2)
DOUT
SDIP/SOP: 18
QFN: 24
O Serial output for luminance data (time division mode-1/2)
DCLK
SDIP/SOP: 20
QFN: 26
I Synchronous clock input for command and serial data
transfer. The data input of DIN is synchronous to rising
edges of DCLK.
GCLK
SDIP/SOP: 19
QFN: 25
I Clock input for PWM operation
IOUT0-15 SDIP/SOP:
27, 28, 1, 2, 3, 4,
5, 6, 9, 10, 11, 12,
13, 14, 15, 16
QFN:
3, 4, 5, 6, 9, 10,
15, 16, 17, 18, 19,
20, 21, 22
O LED driver outputs
REXT
SDIP/SOP: 21
QFN: 27
O Driver current setting. LED current is set to a current
value by connecting an external resistor between REXT
and GND.
VDD
SDIP/SOP: 26
QFN: 2
- Power supply
GND
SDIP/SOP: 17
QFN: 23
- Analog and digital ground
IGND
SDIP/SOP: 7, 8
QFN:
11, 12, 13, 14, 28,
29, Thermal pad
- Ground-pin for driver outputs


Similar Part No. - DM132

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DM132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2226A ETC2-ST2226A Datasheet
302Kb / 23P
   PWM-Controlled Constant Current Driver for LED Displays
logo
SHENZHEN FUMAN ELECTRON...
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com