Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM632 Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # DM632
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632 Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM632 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version:A.002
Page 9
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632
Constant-Current Output
Constant-current value (Iout
*1)of each output channel is set by an external resistor connected
between the REXT pin and GND. The current scale ranging can be adjusted from 5mA to 90mA by
varying the resistor value. The reference voltage of REXT terminal (Vrext) is approximately 1.23V.
The output current value is calculated by the following equation:
Iout(mA)
5
10
20
30
40
50
60
70
80
90
M
50.86
48.60
48.39
47.66
46.97
46.13
44.74
43.94
43.20
42.24
O utput C urre nt a s a Func tiono R e xt va lue
0
10
20
30
40
50
60
70
80
90
100
01
234
5678
9
10
11
12
13
Re xt(KΩ)
Output Current as a Function of Output Voltage
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Vout (V)
In order to obtain a good performance of constant-current output, a suitable output voltage is
necessary. Users can get related information about the minimum output voltage above.
*1 Iout is typical current value setting under 100% PWM duty cycle.
Iout (mA) ~
Vrext (V)
Rrext (KΩ)
× M


Similar Part No. - DM632

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
More results

Similar Description - DM632

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM634 SITI-DM634 Datasheet
586Kb / 25P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
   3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
logo
SHENZHEN FUMAN ELECTRON...
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com