Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13A Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # DM13A
Description  16-bit Constant Current LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  DM13A Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
新竹市科學園區展業一路 9 號 7 樓之 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park,
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
DM13A
Version
: A.003
Issue Date : 2007/12/12
File Name : SP-DM13A-A.003.doc
Total Pages : 20
16-bit Constant Current LED Driver


Similar Part No. - DM13A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13A-E SITI-DM13A-E Datasheet
787Kb / 23P
   Minimum constant-current outputs: 0.3mA
More results

Similar Description - DM13A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com