Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM164 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 8
Switching Characteristics (VDD = 3.3V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
DOUT Rise time
tr
4
10
ns
DOUT Fall time
tf
VIH=VDD
VIL=GND
REXT=3.9k
Ω
CL=13pF
4
10
ns
IOUT Rise time
tr
12
30
ns
IOUT Fall time
tf
VIH=VDD, VIL=GND
REXT=3.9k
Ω
VLED=5.0V
RL=100
Ω, CL=33pF
10% to 80%
12
30
ns
DOUT
Tplh0
After DCK rising edge
35
ns
DOUT
Tphl0
After DCK rising edge
35
ns
DCKO
Tplh1
After DCK falling edge
21
ns
DCKO
Tphl1
After DCK rising edge
19
ns
LTHO
Tplh2
After LTH falling edge
20
ns
LTHO
Tphl2
After LTH rising edge
20
ns
GCKO
Tplh3
After GCK falling edge
23
ns
GCKO
Tphl3
After GCK rising edge
23
ns
IOUT0 (turn on)
Tplh4
After GCK rising edge
42
ns
IOUT0 (turn off)
Tphl4
After GCK rising edge
41
ns
IOUT0 (turn on)
Tplh5
After EN_B falling edge
39
ns
IOUT0 (turn off)
Tphl5
After EN_B rising edge
33
ns


Similar Part No. - DM164

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DM1640 SANYO-DM1640 Datasheet
194Kb / 9P
   16 characters x 4 line Liquid Crystal Dot Matrix Display Module
DM1640-0S SANYO-DM1640-0S Datasheet
194Kb / 9P
   16 characters x 4 line Liquid Crystal Dot Matrix Display Module
DM1640-1S SANYO-DM1640-1S Datasheet
194Kb / 9P
   16 characters x 4 line Liquid Crystal Dot Matrix Display Module
DM1640-2S SANYO-DM1640-2S Datasheet
194Kb / 9P
   16 characters x 4 line Liquid Crystal Dot Matrix Display Module
DM1640-3S SANYO-DM1640-3S Datasheet
194Kb / 9P
   16 characters x 4 line Liquid Crystal Dot Matrix Display Module
More results

Similar Description - DM164

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM163 SITI-DM163 Datasheet
1Mb / 21P
   8x3-CHANNEL CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
DM163 ETC2-DM163 Datasheet
1Mb / 21P
   8x3-CHANNEL CONSTANT CURRENT LED DRIVER
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com