Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1114E Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # ST1114E
Description  Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114E Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1114E Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114E/ST1114K/ST1114P
SP-ST1114EKP-A.011
Version
:A.011
Page
:2
Pin Assignment
Pin NO.
Pin Name
Description
1
VDD
Power supply pin
2
O2
Output sinking pin
3
HIN
Input pin from Hall Latch IC
4
FGR
Output pin of fan tachometer
(open-drained with an pull-up resistor about 100KΩ)
FG
: ST1114E
(The frequency is same with the HIN frequency. )
FG/2 : ST1114K
(The frequency is the half HIN frequency.)
RD
: ST1114P
(Rotation detection output)
5
GND
Ground pin
6
O1
Output sinking pin
Features and Benefits
Optimized for double coil Brushless DC Motor applications
Wide operation range (1.8V ~ 16V )
Lock detection and automatic self-restart
Tachometer output or Rotation Detector Output
FG output for ST1114E, FG/2 output for ST1114K, RD output for ST1114P
Support for 3V/5V/12V supply voltage
High output sinking capability
Thin, small, highly reliable package (SOT-26)
Absolute Maximum Ratings
( Unless otherwise noted, TA= 25℃ )
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
1.8 ~ 16
V
Input Voltage
VIN
-0.4 ~ VDD+0.4
V
Maximum Output Current
IOUT
800
*
mA
Power Dissipation
PD
0.35
W
Operating Temperature Range
TA
-40 ~ 125
°C
Storage Temperature Range
TS
-65 ~ 150
°C
* Power dissipation and operating temperature must be concerned for lager current application.
O2
VDD
HIN
GND
O1
FGR


Similar Part No. - ST1114E

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
ST1114L SITI-ST1114L Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
ST1114M SITI-ST1114M Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
More results

Similar Description - ST1114E

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1117A SITI-ST1117A Datasheet
225Kb / 7P
   Single Coil Brushless DC Motor Drivers ( 1.5 to 8.5 Volts )
ST1111N SITI-ST1111N Datasheet
122Kb / 7P
   Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com