Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358N Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM358N
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM358N Datasheet(HTML) 2 Page - Motorola, Inc

  LM358N Datasheet HTML 1Page - Motorola, Inc LM358N Datasheet HTML 2Page - Motorola, Inc LM358N Datasheet HTML 3Page - Motorola, Inc LM358N Datasheet HTML 4Page - Motorola, Inc LM358N Datasheet HTML 5Page - Motorola, Inc LM358N Datasheet HTML 6Page - Motorola, Inc LM358N Datasheet HTML 7Page - Motorola, Inc LM358N Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM358, LM258, LM2904, LM2904V
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
Ch
t
i ti
Sb l
LM258
LM358
LM2904
LM2904V
Uit
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 5.0 V to 30 V (26 V for
LM2904, V), VIC = 0 V to VCC –1.7 V,
VO ] 1.4 V, RS = 0 Ω
VIO
mV
TA = 25°C
2.0
5.0
2.0
7.0
2.0
7.0
TA = Thigh (Note 1)
7.0
9.0
10
13
TA = Tlow (Note 1)
2.0
9.0
10
10
Average Temperature Coefficient of Input
Offset Voltage
∆VIO/∆T
7.0
7.0
7.0
7.0
µV/°C
TA = Thigh to Tlow (Note 1)
Input Offset Current
IIO
3.0
30
5.0
50
5.0
50
5.0
50
nA
TA = Thigh to Tlow (Note 1)
100
150
45
200
45
200
Input Bias Current
IIB
–45
–150
–45
–250
–45
–250
–45
–250
TA = Thigh to Tlow (Note 1)
–50
–300
–50
–500
–50
–500
–50
–500
Average Temperature Coefficient of Input
Offset Current
∆IIO/∆T
10
10
10
10
pA/
°C
TA = Thigh to Tlow (Note 1)
Input Common Mode Voltage Range
(Note 2),VCC = 30 V (26 V for LM2904, V)
VICR
0
28.3
0
28.3
0
24.3
0
24.3
V
VCC = 30 V (26 V for LM2904, V),
TA = Thigh to Tlow
0
28
0
28
0
24
0
24
Differential Input Voltage Range
VIDR
VCC
VCC
VCC
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kΩ, VCC = 15 V, For Large VO
Swing,
50
100
25
100
25
100
25
100
TA = Thigh to Tlow (Note 1)
25
15
15
15
Channel Separation
CS
–120
–120
–120
–120
dB
1.0 kHz
≤ f ≤ 20 kHz, Input Referenced
Common Mode Rejection
CMR
70
85
65
70
50
70
50
70
dB
RS ≤ 10 kΩ
Power Supply Rejection
PSR
65
100
65
100
50
100
50
100
dB
Output Voltage–High Limit (TA = Thigh to
Tlow) (Note 1)
VOH
V
VCC = 5.0 V, RL = 2.0 kΩ, TA = 25°C
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
VCC = 30 V (26 V for LM2904, V),
RL = 2.0 kΩ
26
26
22
22
VCC = 30 V (26 V for LM2904, V),
RL = 10 kΩ
27
28
27
28
23
24
23
24
Output Voltage–Low Limit
VOL
5.0
20
5.0
20
5.0
20
5.0
20
mV
VCC = 5.0 V, RL = 10 kΩ, TA = Thigh to
Tlow (Note 1)
Output Source Current
IO+
20
40
20
40
20
40
20
40
mA
VID = +1.0 V, VCC = 15 V
Output Sink Current
IO–
VID = –1.0 V, VCC = 15 V
10
20
10
20
10
20
10
20
mA
VID = –1.0 V, VO = 200 mV
12
50
12
50
µA
Output Short Circuit to Ground (Note 3)
ISC
40
60
40
60
40
60
40
60
mA
Power Supply Current (TA = Thigh to Tlow)
(Note 1)
ICC
mA
VCC = 30 V (26 V for LM2904, V),
VO = 0 V, RL = ∞
1.5
3.0
1.5
3.0
1.5
3.0
1.5
3.0
VCC = 5 V, VO = 0 V, RL = ∞
0.7
1.2
0.7
1.2
0.7
1.2
0.7
1.2
NOTES: 1. Tlow = –40°C for LM2904
Thigh = +105°C for LM2904
= –40
°C for LM2904V
= +125
°C for LM2904V
= –25
°C for LM258
= +85
°C for LM258
=0
°C for LM358
= +70
°C for LM358
2. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common
mode voltage range is VCC –1.7 V.
3. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from simultaneous shorts
on all amplifiers.


Similar Part No. - LM358N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM358N NSC-LM358N Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM358N STMICROELECTRONICS-LM358N Datasheet
318Kb / 20P
   Low power dual operational amplifiers
logo
ON Semiconductor
LM358N ONSEMI-LM358N Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
LM358N ONSEMI-LM358N Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
logo
NXP Semiconductors
LM358N PHILIPS-LM358N Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
More results

Similar Description - LM358N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com