Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM150HB-4803S-UZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM150HB-4803S-UZ
Description  150 Watt | Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM150HB-4803S-UZ Datasheet(HTML) 2 Page - AIMTEC

  AM150HB-4803S-UZ Datasheet HTML 1Page - AIMTEC AM150HB-4803S-UZ Datasheet HTML 2Page - AIMTEC AM150HB-4803S-UZ Datasheet HTML 3Page - AIMTEC AM150HB-4803S-UZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM150HB-UZ
150 Watt | Half Brick DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 054e R3.F
2 of 4
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Over Temperature Protection
>105
110
115
oC
Total remote sense compensation
0.5
V
Line voltage regulation
±0.2
% of Vin
Load voltage regulation
±0.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
1
% of Vout
Maximum Capacitor Load
>10,000
μF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
280
KHz
Efficiency
At full load
85 ~ 87
%
Soldering Temperature
Wave solder <10s
250
oC
Hand Soldering time
Iron Temperature: 425
oC
5
sec
Operating temperature
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max case temperature
100
oC
Cooling
See derating graph
Humidity
10 to 90
%
Weight
Without heatsink
75
g
Dimensions (L x W x H)
2.28 x 2.40 x 0.50 inches
57.9 x 61.0 x 12.7 mm
MTBF
>2,000,000 hrs (Bellcore TR332, t=+25
oC)
Safety Specifications
Standards
Safety
Meets EN60950
Pin Out Specifications
Dimensions
Pin
Single
1
-V Input
2
Case
3
On/Off Control
4
+V Input
5
+V Output
6
+Sense
7
Trim
8
-Sense
9
-V Output
10
Omitted


Similar Part No. - AM150HB-4803S-UZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM150HB-11012S-NZ AIMTEC-AM150HB-11012S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-11015S-NZ AIMTEC-AM150HB-11015S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-11024S-NZ AIMTEC-AM150HB-11024S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-NZ AIMTEC-AM150HB-NZ Datasheet
671Kb / 6P
   DC-DC Converter
More results

Similar Description - AM150HB-4803S-UZ

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IRH MURATA-PS-IRH Datasheet
3Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
logo
Murata Manufacturing Co...
IRH-12-12.5-T110 MURATA1-IRH-12-12.5-T110 Datasheet
2Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com