Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME40-12SMAZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME40-12SMAZ
Description  40 Watt | AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME40-12SMAZ Datasheet(HTML) 2 Page - AIMTEC

  AME40-12SMAZ Datasheet HTML 1Page - AIMTEC AME40-12SMAZ Datasheet HTML 2Page - AIMTEC AME40-12SMAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AME40-MAZ
40 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7
2 of 3
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
4000
VAC
Input FG
3 sec
1500
VAC
Output FG
3 sec
1500
VAC
Isolation Resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
47
KHz
Over current protection
Auto recovery
110
140
%
Over voltage protection
Zener diode clamp
110
%
Short circuit protection
Hiccup mode, indefinite
Short Circuit restart
Auto recovery
Operating temperature
With derating above 50ºC
-40 - +85
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
0.02
% /
oC
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Case material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
300
g
Dimensions (L X H X W)
3.56 x 2.48 x 1.18 inches
90.5 x 63 x 30 mm
MTBF
> 800 000 hrs (MIL-HDBK -217F, t=+25
oC)
Environment Approval
Test
Parameters
Conditions
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30 ms
Converter operation
Before and after test, body mounted (on chassis)
Shock
Number of bumps
18 (3 in each direction for every axis)
Test mode
Sweep sine, 10-100Hz, speed 0.05Hz/s
Displacement
1 mm
Acceleration
3g, 3 loops 30min one cycle, 3h total, every axis tested
Vibration
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Standards
EMI - Conducted and radiated emission
EN55011, class B
Medical Electrical Equipment
EN 60601-1, CSA-C22.2 No. 601.1-M90
Harmonic Current Emissions
IEC/EN 61000-3-2, (EN60555-2)
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity
IEC 61000-4-5
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Safety
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
Agency approvals
cULus, CE, CB
Pin Out Specifications


Similar Part No. - AME40-12SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-12SMAZ AIMTEC-AME40-12SMAZ Datasheet
770Kb / 3P
   40 Watt | AC-DC Converter
AME40-12SMAZ AIMTEC-AME40-12SMAZ Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AME40-12SMAZ AIMTEC-AME40-12SMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-12SMAZ AIMTEC-AME40-12SMAZ Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME40-12SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_1 Datasheet
770Kb / 3P
   40 Watt | AC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_1 Datasheet
590Kb / 4P
   40 Watt | AC-DC Converter
logo
ETA-USA
ERT-HWA ETA-USA-ERT-HWA Datasheet
460Kb / 3P
   40 WATT AC-DC CONVERTER
ERT-HWB ETA-USA-ERT-HWB Datasheet
512Kb / 3P
   40 WATT AC-DC CONVERTER
logo
AIMTEC
AMEC40-MAZ AIMTEC-AMEC40-MAZ Datasheet
482Kb / 4P
   40 Watt | AC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ Datasheet
1,010Kb / 4P
   40 Watt | AC/DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ Datasheet
306Kb / 4P
   40 Watt | AC/DC Converter
AMEOS40-MAZ AIMTEC-AMEOS40-MAZ Datasheet
394Kb / 4P
   40 Watt | AC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com