Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEC30-24SMAZ Datasheet(PDF) 5 Page - AIMTEC

Part # AMEC30-24SMAZ
Description  30 Watt | AC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEC30-24SMAZ Datasheet(HTML) 5 Page - AIMTEC

  AMEC30-24SMAZ Datasheet HTML 1Page - AIMTEC AMEC30-24SMAZ Datasheet HTML 2Page - AIMTEC AMEC30-24SMAZ Datasheet HTML 3Page - AIMTEC AMEC30-24SMAZ Datasheet HTML 4Page - AIMTEC AMEC30-24SMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AMEC30-MAZ
30 Watt | AC/DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.A
5 of 5
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.5..Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
5. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.


Similar Part No. - AMEC30-24SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEC30-24SMAZ AIMTEC-AMEC30-24SMAZ Datasheet
604Kb / 4P
   30 Watt | AC/DC Converter
AMEC30-24SMAZ AIMTEC-AMEC30-24SMAZ Datasheet
198Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-24SMAZ AIMTEC-AMEC30-24SMAZ Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-24SMAZ AIMTEC-AMEC30-24SMAZ Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEC30-24SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOS30-MAZ AIMTEC-AMEOS30-MAZ Datasheet
388Kb / 5P
   30 Watt | AC/DC Converter
logo
ETA-USA
ERT-FWB ETA-USA-ERT-FWB Datasheet
482Kb / 3P
   30 WATT AC-DC CONVERTER
WRT05SX-U ETA-USA-WRT05SX-U Datasheet
476Kb / 4P
   30 WATT AC-DC CONVERTER
logo
AIMTEC
AME30-MAZ AIMTEC-AME30-MAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_1 Datasheet
604Kb / 4P
   30 Watt | AC/DC Converter
logo
ETA-USA
BNTE-SA ETA-USA-BNTE-SA Datasheet
655Kb / 5P
   30 WATT AC-DC CONVERTER
BWT-SX-U1 ETA-USA-BWT-SX-U1 Datasheet
2Mb / 4P
   30 WATT AC-DC CONVERTER
logo
AIMTEC
AME30-MAZ AIMTEC-AME30-MAZ_1 Datasheet
749Kb / 3P
   30 Watt | AC-DC Converter
logo
ETA-USA
ERT-00A ETA-USA-ERT-00A Datasheet
376Kb / 3P
   30 WATT AC-DC CONVERTER
logo
AIMTEC
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ Datasheet
885Kb / 4P
   30 Watt | AC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com