Electronic Components Datasheet Search |
|
AME40-24DMAZ Datasheet(PDF) 1 Page - AIMTEC |
|
AME40-24DMAZ Datasheet(HTML) 1 Page - AIMTEC |
1 / 3 page Series AME40-MAZ 40 Watt | AC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052e R7 1 of 3 North America only FEATURES: Models Single output Model Input Voltage (VAC/Hz) Input Voltage (VDC) Output Voltage (V) Output Current max (A) Efficiency (%) AME40-3.3SMAZ 90-264/47-440 120-370 3.3 8 78 AME40-5SMAZ 90-264/47-440 120-370 5 8 82 AME40-12SMAZ 90-264/47-440 120-370 12 3.33 84 AME40-15SMAZ 90-264/47-440 120-370 15 2.66 83 AME40-24SMAZ 90-264/47-440 120-370 24 1.66 82 Models Dual output Model Input Voltage (VAC/Hz) Input Voltage (VDC) Output Voltage (V) Output Current max (A) Efficiency (%) AME40-5DMAZ 90-264/47-440 120-370 ±5 ±4 80 AME40-12DMAZ 90-264/47-440 120-370 ±12 ±1.66 85 AME40-15DMAZ 90-264/47-440 120-370 ±15 ±1.33 82 AME40-24DMAZ 90-260/47-440 120-370 ±24 ±0.835 77 NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Input Specifications Parameters Conditions Typical Maximum Units 115 VAC 1000 mA Current 230 VAC 530 mA 115 VAC 25 A Inrush current <2ms 230 VAC 50 A Leakage current 150 µA External fuse Recommended slow blow type 3.15 A Input dissipation No load; 115VAC No load; 264VAC <0.5 <0.8 W Start-up time 117 ms Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Line regulation (LL-HL) ±0.5 % 0-100% load single ±1 Load regulation 0-100% load dual ±2 % Cross regulation 25% load - 1 st out, 100% load – 2nd out ±5 % Maximum Capacitive load Depending of the model 470-23 000 µF Transient response deviation 25% load Step ±2 % of Vout Ripple & Noise* 20MHz bandwidth 50 mV p-p Hold-up time (min) 115VAC 29 ms Minimum Load Current 0 % of Max *Ripple & Noise measured with 0.1μF M/C and 1μF E/C • 4000VAC I/O isolation • Energy star compliant • Medical Switching power modules for PCB mounting • RoHS compliant • Operating temperature: -40 to +85°C • Low Ripple and Noise • Universal Input: 90-260VAC, 47-440Hz, or 120-370VDC • CE, cULus approvals CB |
Similar Part No. - AME40-24DMAZ |
|
Similar Description - AME40-24DMAZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |