Electronic Components Datasheet Search |
|
AMPL-1216-UZ Datasheet(PDF) 1 Page - AIMTEC |
|
AMPL-1216-UZ Datasheet(HTML) 1 Page - AIMTEC |
1 / 9 page ` Series AMPL-UZ 16A Up to 80 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 055e R3.D 1 of 9 North America only FEATURES: Models Single output Model Nom. Input Voltage (V) Output Voltage (V) Output Current max (A) Efficiency (%) AMPL-0516-UZ 5 0.75, 1, 1.2, 1.5, 1.8, 2, 2.5, 3.3 16 97 AMPL-1216-UZ 12 0.75, 1, 1.2, 1.5, 1.8, 2, 2.5, 3.3, 5 16 96 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 12 3~5.5 10~14 V Output Specifications Parameters Conditions Typical Maximum Units Set point Voltage accuracy ±2 % Trim range Full Resistive load 0.75~3.63 V Remote sense compensation 0.5 V Short Circuit protection R<10Ω Continuous Short Circuit restart Auto recovery Line voltage regulation Full Resistive load ±0.5 % of Vin Load voltage regulation NL-FL ±0.5 % Turn-on delay time Full Resistive load 2 ms Rise time (0.1~0.9) of Vout 1.5 ms Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 50 m Vp-p Load transient voltage 160 mV Setting time Vout < 10% Peak Deviation 50 μs Maximum capacitive load Min ESR > 10mΩ 5000 μF General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 300 KHz Operating temperature -40 to +85 oC Storage temperature -55 to +125 oC Cooling Free air convection Humidity 10 ~ 90 % Weight 7 g Dimensions (L x W x H) 1.30 x 0.53 x 0.27 inches 33.00 x 13.46 x 6.70mm MTBF > 5,000,000hrs, Bellcore TR332, 25 oC NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. • POL delivering up to 16A output current • Output Over current protection • Programmable output voltage • Over temperature protection • Remote output sense • Operating temperature -40 to 85ºC • Remote On/Off Control Function • Industry standard SMD footprint |
Similar Part No. - AMPL-1216-UZ |
|
Similar Description - AMPL-1216-UZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |