Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRN762SL102FAM Datasheet(PDF) 6 Page - American Accurate Components, Inc.

Part # CRN762SL102FAM
Description  Thick Film Chip Resistor Arrays & Networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRN762SL102FAM Datasheet(HTML) 6 Page - American Accurate Components, Inc.

  CRN762SL102FAM Datasheet HTML 1Page - American Accurate Components, Inc. CRN762SL102FAM Datasheet HTML 2Page - American Accurate Components, Inc. CRN762SL102FAM Datasheet HTML 3Page - American Accurate Components, Inc. CRN762SL102FAM Datasheet HTML 4Page - American Accurate Components, Inc. CRN762SL102FAM Datasheet HTML 5Page - American Accurate Components, Inc. CRN762SL102FAM Datasheet HTML 6Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
American Accurate Components, Inc.
CRN Series Thick Film Chip Resistor Arrays & Networks
The content of this specification may change without notification 08/24/07
188 Technolgoy Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
6
REEL DRAWINGS & DIMENSIONS (mm)
7” Reel (M)
M
180
±0.3
H
1.20
C
13.0
± 0.2
G
9.0
± 0.3
E
56
± 1.0
F
11.4
± 1.0
13”Reel (V)
M
330
±2.5
H
2.3
± 0.5
C
13.0
± 0.2
G
9.5
± 0.5
E
80.0
± 1.0
F
14.4
PACKAGING SPECIFICATION
Size
Tape
7” Reel Quantity
CRN06-2V
Paper Tape
10,000
CRN10-2V
Paper Tape
10,000
CRN10-4V
Paper Tape
10,000
CRN16-2V
Paper Tape
5,000
CRN16-4V
Paper Tape
5,000
CRN16-8V
Paper Tape
4,000
CRN16-8SU
Paper Tape
5,000
CRN21-8SC
Plastic Tape
4,000
CRN31-4V
Plastic Tape
4,000
CRN31-8SL
Plastic Tape
4,000
CRN31-8SU
Plastic Tape
4,000
CRN31-8V
Plastic Tape
2,000
CRN31-15SU
Plastic Tape
2,000
CRN76-8V
Plastic Tape
1,000
CRN76-15SU
Plastic Tape
1,000
LABEL DESCRIPTION
An identification label is on one side surface of a reel, marked
with the following items of information.
1. Chip Resistor Array or Network
2. Part Number
3. Quantity
4. Lot Number *
5. Manufacturer’s name
* The suffix “L” on the lot number indicates that this item is lead free.
As of September 2004, all new production items of the series CRN are
no longer containing tin/lead (SnPb) terminals; they are lead free and
in compliance with Lead Free/RoHS.
The content of this specification may change without notification


Similar Part No. - CRN762SL102FAM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRN762SC103FAB AAC-CRN762SC103FAB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN762SC103FAM AAC-CRN762SC103FAM Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN762SC103FBB AAC-CRN762SC103FBB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN762SC103FBM AAC-CRN762SC103FBM Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN762SC103FCB AAC-CRN762SC103FCB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
More results

Similar Description - CRN762SL102FAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com