Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5411TIREZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5411TIREZ
Description  60MHz Rail-to-Rail Input-Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411TIREZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5411TIREZ Datasheet HTML 2Page - Intersil Corporation EL5411TIREZ Datasheet HTML 3Page - Intersil Corporation EL5411TIREZ Datasheet HTML 4Page - Intersil Corporation EL5411TIREZ Datasheet HTML 5Page - Intersil Corporation EL5411TIREZ Datasheet HTML 6Page - Intersil Corporation EL5411TIREZ Datasheet HTML 7Page - Intersil Corporation EL5411TIREZ Datasheet HTML 8Page - Intersil Corporation EL5411TIREZ Datasheet HTML 9Page - Intersil Corporation EL5411TIREZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6837.1
October 8, 2009
Typical Performance Curves
FIGURE 1. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. INPUT OFFSET VOLTAGE DRIFT (HTSSOP)
FIGURE 3. INPUT OFFSET VOLTAGE DRIFT (TQFN)
FIGURE 4. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 5. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 6. OUTPUT HIGH VOLTAGE vs TEMPERATURE
0
100
200
300
400
500
600
700
800
900
-15 -13 -11 -9
-7
-5
-3
-1
1
3
5
7
9
11 13 15
INPUT OFFSET VOLTAGE (mV)
TYPICAL
PRODUCTION
DISTRIBUTION
VS = ±5V
TA = +25°C
0
2
4
6
8
10
12
14
16
3
9
15
21
27
33
39
45
51
57
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±5V
-40
°C to +85°C
TYPICAL
PRODUCTION
DISTRIBUTION
0
5
10
15
20
25
0
10 11 12131415
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±5V
-40
°C to +85°C
TYPICAL
PRODUCTION
DISTRIBUTION
9
8
7
6
5
4
3
2
1
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
6.0
6.5
7.0
7.5
8.0
-50
0
50
100
TEMPERATURE (°C)
VS = ±5V
150
4.88
4.90
4.92
4.94
4.96
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
IOUT = +5mA
EL5411T


Similar Part No. - EL5411TIREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411TIREZ INTERSIL-EL5411TIREZ Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5411TIREZ RENESAS-EL5411TIREZ Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results

Similar Description - EL5411TIREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com