Electronic Components Datasheet Search |
|
ACZ11NBR1E-15S-D1-12 Datasheet(PDF) 1 Page - CUI INC |
|
ACZ11NBR1E-15S-D1-12 Datasheet(HTML) 1 Page - CUI INC |
1 / 3 page date page 10/2009 1 of 3 20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382 www.cui.com SERIES: DESCRIPTION: mechanical incremental encoder ACZ11 ELECTRICAL SPECIFICATIONS parameter conditions/description output waveform square wave output signals A, B phase current consumption 10 mA output phase difference T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform) supply voltage 5 V dc max. output resolution 12, 15, 20, 30 ppr switch rating 12 V dc, 50 mA (ACZ11BRXE models only) insulation resistance 300 V dc, 100 MΩ withstand voltage 300 V ac MECHANICAL SPECIFICATIONS parameter conditions/description min nom max units shaft load axial 8 kgf rotational torque with detent click without detent click 60 60 140 80 220 100 gf•cm gf•cm push switch operational force (ACZ11BRXE models only) 300 900 gf•cm push switch life (ACZ11BRXE models only) 50,000 cycles rotational life 30,000 cycles ENVIRONMENTAL SPECIFICATIONS parameter conditions/description min nom max units operating temperature -10 65 °C storage temperature -40 75 °C humidity 85 % RH vibration 0.75 mm max. travel for 2 hours 10 55 Hz PART NUMBER KEY ACZ11 X BR X E- XX XX -X1- XXX Version: “blank” = switch N = no switch Resolution (ppr): 12 = 12 ppr, no detent 12C = 12 ppr, 12 detent 15 = 15 ppr, no detent 30C15P = 15 ppr, 30 detent 20 = 20 ppr, no detent 20C = 20 ppr, 20 detent 30 = 30 ppr, no detent 30C = 30 ppr, 30 detent Bushing: 1 = M7 x 0.75 (H = 5) 2 = M7 x 0.75 (H = 7) 4 = smooth (H = 5) 5 = smooth (H = 7) Shaft length: 15, 20, 25 Shaft type: KQ, S, F Mounting orientation: A = Horizontal D = Vertical |
Similar Part No. - ACZ11NBR1E-15S-D1-12 |
|
Similar Description - ACZ11NBR1E-15S-D1-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |