Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16HT1GH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # BAS16HT1GH
Description  Switching Diode Lead free product Halogen-free type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAS16HT1GH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  BAS16HT1GH Datasheet HTML 1Page - Zowie Technology Corporation BAS16HT1GH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zowie Technology Corporation
BAS16HT1GH
Zowie Technology Corporation
REV. 0
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
Notes: 1. A 2.0k
variable resistor adjusted for a Forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10mA.
3. tp » trr
+10 V
2 k
820
0.1uF
D.U.T.
VR
100uH
0.1uF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1mA
IF
INPUT SIGNAL
100
0.2
0.4
VF, FORWARD VOLTAGE ( VOLTS )
0.6
0.8
1.0
10
1.0
0.1
10
0
VR, REVERSE VOLTAGE ( VOLTS )
1.0
0.1
0.01
0.001
10
20
30
40
0.68
0
2
4
6
8
VR, REVERSE VOLTAGE ( VOLTS )
0.64
0.60
0.52
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. LEAKAGE CURRENT
FIGURE 4. CAPACITANCE
1.2
TA= -40
oC
TA=25
oC
TA=25
oC
TA=55
oC
TA=85
oC
TA=125
oC
TA=150
oC
TA=85
oC
50
0.56


Similar Part No. - BAS16HT1GH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
122Kb / 5P
   Small Signal Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
45Kb / 4P
   Switching Diode
March, 2005 ??Rev. 4
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
95Kb / 4P
   Switching Diode
June, 2013 ??Rev. 10
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
   200mA Surface Mount Switching Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
60Kb / 4P
   Switching Diode
April, 2016 ??Rev. 12
More results

Similar Description - BAS16HT1GH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAV99WGH ZOWIE-BAV99WGH Datasheet
107Kb / 3P
   Silicon Switching Diode Lead free product Halogen-free type
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
DAN217UGH ZOWIE-DAN217UGH Datasheet
259Kb / 2P
   Dual series switching diode Lead free product Halogen-free type
BAS21GH ZOWIE-BAS21GH Datasheet
94Kb / 3P
   High Voltage Switching Diode Lead free product Halogen-free type
BAV99GH ZOWIE-BAV99GH Datasheet
70Kb / 2P
   Dual Series Switching Diode Lead free product Halogen-free type
BAV70WGH ZOWIE-BAV70WGH Datasheet
44Kb / 3P
   Dual Switching Diodes Lead free product Halogen-free type
BAT54RAGH ZOWIE-BAT54RAGH Datasheet
232Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com