Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACZ12NBR3E-17.5F-D1-12C Datasheet(PDF) 2 Page - CUI INC

Part # ACZ12NBR3E-17.5F-D1-12C
Description  mec hanic al incr emen tal encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ12NBR3E-17.5F-D1-12C Datasheet(HTML) 2 Page - CUI INC

  ACZ12NBR3E-17.5F-D1-12C Datasheet HTML 1Page - CUI INC ACZ12NBR3E-17.5F-D1-12C Datasheet HTML 2Page - CUI INC ACZ12NBR3E-17.5F-D1-12C Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date
page
10/2009
2 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: mechanical incremental encoder
ACZ12
SHAFT OPTIONS
F type
F type
KQ type
KQ type
75
H= 2 or 5 (mm)
25F 20F 17F
L
25
20 17.5
F12
7
5
H= 2 or 5 (mm)
20KQ 15KQ
L20
15
I
H
25mm
32mm
BUSHING
OUTPUT WAVEFORM
DETENT POSITIONS
SLIDING NOISE
SUGGESTED FILTER
Encoder
Scope
t = Masking time to avoid chatter (5mS) V1 = V2 = 1V max.
Tested at 60 rpm
V1
V2
ON
OFF
ON
tt
Sliding Direction
CH A
CW direction (@ 60 rpm)
CH B
OFF
OFF
ON
ON
OFF
T4
T3
T2
T1
OFF
(Pins A & C)
(Pins B & C)
CH A
CH B
OFF
OFF
ON
ON
OFF
OFF
(Pins A & C)
(Pins B & C)
Model 12C & 24C


Similar Part No. - ACZ12NBR3E-17.5F-D1-12C

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACZ1000RE OHMITE-ACZ1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
   mechanical incremental encoder
logo
Bel Fuse Inc.
ACZ11 BEL-ACZ11 Datasheet
201Kb / 3P
   mec hanic al incr emen tal encoder
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ11BR1E-15F-A1-12 CUI-ACZ11BR1E-15F-A1-12 Datasheet
189Kb / 3P
   mechanical incremental encoder
More results

Similar Description - ACZ12NBR3E-17.5F-D1-12C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ACZ11 BEL-ACZ11 Datasheet
201Kb / 3P
   mec hanic al incr emen tal encoder
logo
CUI INC
ACZ16 CUI-ACZ16 Datasheet
106Kb / 3P
   mec hanic al incr emen tal encoder
logo
List of Unclassifed Man...
SW-18010 ETC1-SW-18010 Datasheet
34Kb / 1P
   MEC Shake Switch
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
Suntan Capacitors
TS02B SUNTAN-TS02B_17 Datasheet
174Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Asahi Kasei Microsystem...
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
logo
Lanner All Rights Reser...
HTCA-E400 LANNER-HTCA-E400 Datasheet
3Mb / 2P
   Carrier-grade Edge Server Chassis for Open RAN / MEC
V.2-2022, 11, 17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com