Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT450CW Datasheet(PDF) 1 Page - auris-GmbH

Part # LT450CW
Description  Filter THT, Ceramic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

LT450CW Datasheet(HTML) 1 Page - auris-GmbH

  LT450CW Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.6
LT 450/455 W
series
Characteristics
Filter THT, Ceramic
Features:
- For communication
- 6 elements
- 450/455 KHz
Order key
F
- LT 450
- AW
-
Part
Package
Individual specification
Option
F= Ceramic filter
LT 450
AW
FW
blank = standard
LT 455
BW
GW
CW
HW
DW
IW
EW
HTW
X=Special options
Drawing
Test circuit
LT 450/455 W
Dimensions in mm
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
Specifications
Part number
LT450AW LT450BW LT450CW LT450DW LT450EW
LT450FW
LT450GW LT450HW
LT450IW
LT450HTW
Center frequency (kHz)
450±2.0
450±2.0
450±2.0
450±1.5
450±1.5
450±1.5
450±1.5
450±1.0
450±1.0
450±1.0
Insertion loss (dB) max
4
4
4
4
6
6
6
6
6
6
Pass band ripple (dB) max
2
2
2
2
2
2
2
2
2
2
6dB bandwidth (kHz) min
±17.5
±15
±12.5
±10
±7.5
±6
±4.5
±3
±2
±3
40dB bandwidth (kHz) max
±40
±30
±24
±20
±15
±12.5
±10
±9
±7.5
±9
Spurious Attenuation LT450/W
fo±100kHz (dB) min
40
40
40
40
40
40
40
40
40
60
Input/output impedance (Ohm)
1000
1500
1500
1500
1500
2000
2000
2000
2000
2000
Specifications
Part number
LT455AW LT455BW LT455CW LT455DW LT455EW
LT455FW
LT455GW LT455HW
LT455IW
LT455HTW
Center frequency (kHz)
455±2.0
455±2.0
455±2.0
455±1.5
455±1.5
455±1.5
455±1.5
455±1.0
455±1.0
455±1.0
Insertion loss (dB) max
4
4
4
4
6
6
6
6
6
6
Pass band ripple (dB) max
2
2
2
2
2
2
2
2
2
2
6dB bandwidth (kHz) min
±17.5
±15
±12.5
±10
±7.5
±6
±4.5
±3
±2
±3
40dB bandwidth (kHz) max
±40
±30
±24
±20
±15
±12.5
±10
±9
±7.5
±9
Spurious Attenuation LT455/W
fo±100kHz (dB) min
40
40
40
40
40
40
40
40
40
60
Input/output impedance (Ohm)
1000
1500
1500
1500
1500
2000
2000
2000
2000
2000
LT 450
LT 455


Similar Part No. - LT450CW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT450CW AURIS-LT450CW Datasheet
133Kb / 1P
   Filter THT
LT450CW AURIS-LT450CW Datasheet
240Kb / 1P
   Filter SMD, Ceramic
logo
Fronter Electronics Co....
LT450CW FRONTER-LT450CW Datasheet
157Kb / 1P
   41 PIN Version 11.0x8.0x7.0 mm
logo
Transko Electronics, In...
LT450CW TRANSKO-LT450CW Datasheet
360Kb / 2P
   CERAMIC FILTER (5pins)
Rev. 1: Jul. 2014
More results

Similar Description - LT450CW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTA10 AURIS-LTA10_1 Datasheet
331Kb / 1P
   Filter THT, Ceramic
LTM450W AURIS-LTM450W Datasheet
270Kb / 1P
   Filter THT, Ceramic
LTM450U AURIS-LTM450U Datasheet
185Kb / 1P
   Filter THT, Ceramic
LT450U AURIS-LT450U Datasheet
196Kb / 1P
   Filter THT, Ceramic
LTM455U AURIS-LTM455U Datasheet
143Kb / 1P
   Filter THT
LT455W AURIS-LT455W Datasheet
133Kb / 1P
   Filter THT
LTZ AURIS-LTZ Datasheet
116Kb / 1P
   Filter THT
LT455U AURIS-LT455U Datasheet
130Kb / 1P
   Filter THT
LTM455W AURIS-LTM455W Datasheet
128Kb / 1P
   Filter THT
LTA10 AURIS-LTA10 Datasheet
295Kb / 1P
   Filter THT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com