Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT455IW Datasheet(PDF) 1 Page - auris-GmbH

Part # LT455IW
Description  Filter SMD, Ceramic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

LT455IW Datasheet(HTML) 1 Page - auris-GmbH

  LT455IW Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.3
LTC 450/455 U
LTC 450/455 W
series
Filter SMD, Ceramic
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
LTC455/U
LTC455/W
Drawing
Test circuit
LTC455/U
LTC455/W
Order key
F
-LTC455
-BU
-
Part
Package
Individual specification
Option
F=Ceramic Filter
LT450
BU / BW
blanc = standard
LT455
CU / CW
DU / DW
EU / EW
FU / FW
GU / GW
HU / HW
IU / IW
X = Spezial options
Characteristics
LTC455/U
LTC455/W
Spezifications
Part number
LTC455BU/BW
LTC455CU/CW
LTC455DU/DW
LTC455EU/EW
LTC455FU/FW
LTC455GU/GW
LTC455HU/HW
LTC455IU/IW
Center frequency (kHz)
455±1.5
455±1.5
455±1.5
455±1.5
455±1.5
455±1.5
455±1.5
455±1.5
Insertion loss (dB) max LTC/U
4
4
4
6
6
6
6
6
Insertion loss (dB) max LTC/W
4
4
4
4
6
6
6
6
Pass band ripple (dB) max
2
2
2
2
2
2
2
2
6dB bandwidth (kHz) min
±15.0
±12.5
±10.0
±7.5
±6.0
±4.5
±3.0
±2.0
40dB bandwidth (kHz) min
±30.0
±25.0
±20.0
±15.0
±12.0
±10.0
±9.0
±7.5
50dB bandwidth (kHz) min
±30.0
±25.0
±20.0
±15.0
±12.0
±10.0
±9.0
±7.5
Spurious Attenuation LTC/U
455±100kHz (dB) min
27
27
27
27
27
25
25
25
Spurious Attenuation LTC/W
455±100kHz (dB) min
50
50
50
50
47
47
47
47
Input/Output impedance (Ohm)
1000
1000
1500
1500
1500
1500
1500
1500
LTC455U/W
Features:
- 450 / 455 kHz
- For communications
- Can be reflow soldered
- Mountable by automatic placers
- Slim and small mounting area


Similar Part No. - LT455IW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455IW AURIS-LT455IW Datasheet
133Kb / 1P
   Filter THT
LT455IW AURIS-LT455IW Datasheet
256Kb / 1P
   Filter THT, Ceramic
logo
Token Electronics Indus...
LT455IW TOKEN-LT455IW Datasheet
326Kb / 3P
   LT 455/450 U/W Ceramic Filters
logo
Fronter Electronics Co....
LT455IW FRONTER-LT455IW Datasheet
157Kb / 1P
   41 PIN Version 11.0x8.0x7.0 mm
logo
Yuechung International ...
LT455IW YIC-LT455IW Datasheet
439Kb / 1P
   LT Series of Ceramic Filter for Communication
More results

Similar Description - LT455IW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTCS AURIS-LTCS Datasheet
1Mb / 1P
   Filter SMD, Ceramic
logo
AEL Crystals Ltd
LTUCG455D AEL-LTUCG455D Datasheet
962Kb / 1P
   SMD Ceramic Filter
logo
auris-GmbH
LTCA AURIS-LTCA_1 Datasheet
300Kb / 1P
   Filter SMD, Ceramic
logo
Oscilent Corporation
748-455-BW OSCILENT-748-455-BW Datasheet
129Kb / 2P
   SMD Ceramic Filter 455 KHz
746-455-BU OSCILENT-746-455-BU Datasheet
129Kb / 2P
   SMD Ceramic Filter 455 KHz
logo
Transko Electronics, In...
LTC10.7 TRANSKO-LTC10.7 Datasheet
361Kb / 2P
   CERAMIC FILTER (10.7MHz Series, SMD)
Rev 5: 07-31-2023
logo
Oscilent Corporation
747-450-BW OSCILENT-747-450-BW Datasheet
129Kb / 2P
   SMD Ceramic Filter 450 KHz
logo
Suntsu Electronics, Inc...
SFLSI-13D6F SUNTSU-SFLSI-13D6F Datasheet
182Kb / 3P
   Ceramic SMD 12 Pad RF Saw Filter
logo
Yuechung International ...
YIC-JT10.7MC1 YIC-YIC-JT10.7MC1 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
auris-GmbH
LTCA AURIS-LTCA Datasheet
590Kb / 1P
   Filter SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com