Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGC30DLH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BGC30DLH
Description  Low VF Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BGC30DLH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BGC30DLH Datasheet HTML 1Page - Zowie Technology Corporation BGC30DLH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 3.0A)
BGC30DLH THRU BGC30MLH
Low VF Rectifier Diode
Low VF Rectifier Diode
* Halogen-free type
* Lead free product, compliance to RoHS
* GPRC (Glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Lead less chip form, no lead damage
* Low forward voltage drop
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* General purpose rectification
* Surge absorption
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.04 gram
MECHANICAL DATA
2009/10
REV. 0
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
BGC30DLH
200
BGC30GLH
400
BGC30JLH
BGC30KLH
BGC30MLH
600
800
1000
V
IF(AV)
IFSM
A
Tj
TSTG
120
115
-65 to +175
-65 to +175
ITEM
Average forward current
Symbol
Unit
Peak forward surge current (8.3ms single half sine-wave)
Operating junction temperature Range
Rating
3.0
Repetitive peak reverse voltage
Storage temperature Range
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
-
68
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
19
-
Rth(JL)
Junction to lead (NOTE)
pF
-
29
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.10
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 3.0A
V
-
0.90
0.92
Forward voltage
* 5,000 pieces per 13" (330mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
NOTES : Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
Unit : mm
Case : 2114
OUTLINE DIMENSIONS
JEDEC : DO-214AA / SMB
5.2 ± 0.1
0.05 ± 0.005
1.15 ± 0.1
1.15 ± 0.1
R0.6
95 ±
0.01
5
MARKING
Cathode mark
Amps class
Series code
Low VF
Voltage class
BGC
30DL
.
Halogen-free type
Voltage class:
D = 200V, G = 400V, J = 600V
K = 800V, M = 1000V


Similar Part No. - BGC30DLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BGC30DLH ZOWIE-BGC30DLH Datasheet
65Kb / 2P
   Low VF Rectifier Diode
logo
Gaomi Xinghe Electronic...
BGC30DLH GXELECTRONICS-BGC30DLH Datasheet
313Kb / 2P
   Low VF Rectifier Diode (200V~1000V / 3.0A)
logo
Zowie Technology Corpor...
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
   Low VF Rectifier Diode
More results

Similar Description - BGC30DLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GP20DL ZOWIE-GP20DL Datasheet
61Kb / 2P
   Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
   Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH_11 Datasheet
77Kb / 2P
   Low VF Rectifier Diode
BGC30DH ZOWIE-BGC30DH Datasheet
64Kb / 2P
   Low VF Rectifier Diode
GP30DLH ZOWIE-GP30DLH Datasheet
356Kb / 2P
   Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GP20DLH ZOWIE-GP20DLH Datasheet
61Kb / 2P
   Low VF Rectifier Diode
G110DL ZOWIE-G110DL Datasheet
60Kb / 2P
   Low VF Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com