Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM92501B-S Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM92501B-S
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92501B-S Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM92501B-S Datasheet HTML 1Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 2Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 3Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 4Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 5Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 6Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 7Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 8Page - ELM Technology Corporation ELM92501B-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Pin No.
Pin name
1
VOUT
2VSS
3LX
4NC
5
CE
("H"=active,
"L"=shutdown)
SOT-89-5 (TOP VIEW)
SON-6 (TOP VIEW)
Pin No.
Pin name
1
VOUT
2VSS
3LX
Pin No.
Pin name
1
VOUT
2VSS
3LX
4NC
5NC
6
ELM92xx1C:NC
ELM92xx2C:CE
("H"=active,
"L"=shutdown)
■Pin configuration
SOT-89 (TOP VIEW)
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92xxxx-x
Symbol
a, b
Output voltage
e.g. :
27: Vout=2.7V
30: Vout=3.0V
33: Vout=3.3V
50: Vout=5.0V
c
CE selection
1: No CE type
(SOT-89, SON-6)
2: CE type
(SOT-89-5, SON-6)
d
Package
B: SOT-89, SOT-89-5
C: SON-6
e
Taping direction
S : Refer to PKG file
N : Refer to PKG file
ELM92 x x x x - x
↑ ↑ ↑ ↑
a b c d
e
■Selection guide
15 -


Similar Part No. - ELM92501B-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
More results

Similar Description - ELM92501B-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com