Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM92502B-S Datasheet(PDF) 10 Page - ELM Technology Corporation

Part # ELM92502B-S
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92502B-S Datasheet(HTML) 10 Page - ELM Technology Corporation

Back Button ELM92502B-S Datasheet HTML 6Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 7Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 8Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 9Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 10Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 11Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 12Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 13Page - ELM Technology Corporation ELM92502B-S Datasheet HTML 14Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
■Marking
Mark
Vout
Mark
Vout
22.*V4
4.*V
33.*V5
5.*V
a : Assembly lot No.
B to Z (I, O, X excepted)
b : Assembly lot No.
A to Z (I, O, X excepted)
Mark
Vout
Mark
Vout
0
*.0V
5
*.5V
1
*.1V
6
*.6V
2
*.2V
7
*.7V
3
*.3V
8
*.8V
4
*.4V
9
*.9V
SOT-89
SOP-89-5
• SOT-89 package
: ELM92xx1B
• SOT-89-5 package : ELM92xx2B (with CE)
c : the integer digit of the output voltage
d : the decimal digit of the output voltage
Mark
Vout
Mark
Vout
22.*V4
4.*V
33.*V5
5.*V
c : Assembly lot No.
A to Z (I, O, X excepted) : ELM92xx1C
0 to 9
: ELM92xx2C (with CE)
d : Assembly lot No.
0 to 9
: ELM92xx1C
A to Z (I, O, X excepted) : ELM92xx2C (with CE)
Mark
Vout
Mark
Vout
0
*.0V
5
*.5V
1
*.1V
6
*.6V
2
*.2V
7
*.7V
3
*.3V
8
*.8V
4
*.4V
9
*.9V
SON-6
• SON-6 package : ELM92xx1C
ELM92xx2C (with CE)
a : the integer digit of the output voltage
b : the decimal digit of the output voltage
15 -
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter


Similar Part No. - ELM92502B-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
More results

Similar Description - ELM92502B-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com