Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM89253BC-S Datasheet(PDF) 11 Page - ELM Technology Corporation

Part # ELM89253BC-S
Description  MOS 300mA LDO Voltage regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM89253BC-S Datasheet(HTML) 11 Page - ELM Technology Corporation

Back Button ELM89253BC-S Datasheet HTML 7Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 8Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 9Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 10Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 11Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 12Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 13Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 14Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 15Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
0
40
80 120 160 200 240 280 320 360
0.5
1.0
1.5
2.0
2.5
Load Transient Response
Co=1.0
F
Time(
S)
Output Voltage
Output Current
100mA
10mA
Vin=2.2V
0
123
456
0
2
4
6
8
10
12
14
16
18
20
22
24
Vin(V)
Iss-Vin
Top=25
10
1
10
2
10
3
10
4
10
5
0
10
20
30
40
50
60
Frequency(Hz)
Ripple Rejection
Co=1.0
F
0
40
80
120 160 200 240 280 320
0.5
1
1.5
2
2.5
3
3.5
4
Time(
S)
Input Transient Respose
Co=1.0
F
Input Voltage
Output Voltage


Similar Part No. - ELM89253BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89253BC-S ELM-TECH-ELM89253BC-S Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results

Similar Description - ELM89253BC-S

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com