Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9550D-S Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM9550D-S
Description  CMOS PWM step-up DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM9550D-S Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM9550D-S Datasheet HTML 1Page - ELM Technology Corporation ELM9550D-S Datasheet HTML 2Page - ELM Technology Corporation ELM9550D-S Datasheet HTML 3Page - ELM Technology Corporation ELM9550D-S Datasheet HTML 4Page - ELM Technology Corporation ELM9550D-S Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
■Typical characteristics
• Vout=2.7V (ELM9527D)
(Top=25°C, L=220μH, D=MA721, C=47μF)
012
1
2
3
Vin (V)
Vout - Vin
Iout =1mA
3mA
10mA
012
50
60
70
80
90
100
0
10
20
30
40
50
Vin (V)
Efficiency,VRp-p - Vin (Iout =1mA)
VRp-p
EFFICIENCY
EFFICIENCY-Vin
RIPPLE VOLTAGE-Vin
EFFICIENCY
RIPPLE VOLTAGE
■External parts
When choosing choke coil, please select that whose core is not magnetically saturated, DC resistance is
low, and which has sufficient margin for rated current.
For ELM95 series, ELM recommends following coil.
• CM-5/CM-5N (Sumida Electric Co., Ltd.)
1) Coil
When choosing diode, please select that whose forward voltage is small, switching speed is high and which
has sufficient margin for rated current. For ELM95 series, ELM recommends schottoky diodes.
2) Diode
When choosing capacitor, please select that whose capacity is comparatively large and voltage limit is at
least three times larger than rated output voltage of used ELM95 series. For ELM95 series, ELM recom-
mends to use “Aluminum electrolytic capacitor”. When using capacitors such as “Tantalum capacitor” or
“Laminated ceramic capacitor”, there may be cases that few hundred hertz wave motion will happen in out-
put voltage wave form. Under such circumstances, ELM recommends connecting resistance (1.0Ω approx.)
to capacitor serially as following.
3) Capacitor
To design DC/DC converter with ELM95 series, coil, diode, and capacitor are necessary.
(Refer to standard circuit configuration.)
5 -
ELM95xxD CMOS PWM step-up DC/DC converter


Similar Part No. - ELM9550D-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
More results

Similar Description - ELM9550D-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com