Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9327BB-N Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM9327BB-N
Description  CMOS High efficiency PFM step-up DC/DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM9327BB-N Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM9327BB-N Datasheet HTML 1Page - ELM Technology Corporation ELM9327BB-N Datasheet HTML 2Page - ELM Technology Corporation ELM9327BB-N Datasheet HTML 3Page - ELM Technology Corporation ELM9327BB-N Datasheet HTML 4Page - ELM Technology Corporation ELM9327BB-N Datasheet HTML 5Page - ELM Technology Corporation ELM9327BB-N Datasheet HTML 6Page - ELM Technology Corporation ELM9327BB-N Datasheet HTML 7Page - ELM Technology Corporation ELM9327BB-N Datasheet HTML 8Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
This DC/DC converter may cause electromagnetic noise due to switching of coil under large current. Solu-
tion is necessary especially when the IC is used in wireless devices.
To reduce noise, this IC is designed in consideration of the coil switching characteristics. The following
methods are also effective to reduce noise.
• Use shield-type, or magnetic shield coil.
• Locate coil and diode to the LX terminal of IC as close as possible.
• Select ground wire as thick and short as possible.
• Connect ground wire of circuit to one point.
■Design of DC/DC converter
The current from the output terminal (Vout) of the circuit is:
K: the efficiency of whole circuit (≈75% to ≈85%)
Iout = K
9Vin
2
32 • L • Fosc • (Vout-Vin)
* Duty=75%
1) Output current of DC/DC converter
In the DC/DC converter which consists of ELM93 series and above-mentioned external parts, the output is
acquired as follows:
2) Remedies for noise
3) Capacitor
When choosing capacitor, please select that which is generally used for smoothing power supply circuit,
with comparatively large capacity and whose rated voltage is at least three times larger than rated output
voltage of used ELM93 series.
For ELM93 series, ELM recommends Aluminum electrolytic or Tantalum capacitor.
Under different conditions, such as different input voltage, load current, etc. larger output voltage ripple
may happen and thus result in intermittent switching. To solve this, using capacitors with larger capacity
can prevent output voltage ripple from becoming larger.
Inserting resistor, as shown in the following circuit, may also be effective.
8 -
ELM93xxxB CMOS High efficiency PFM step-up DC/DC converter


Similar Part No. - ELM9327BB-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results

Similar Description - ELM9327BB-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
logo
Power IC Ltd.
PS0021 PICSEMI-PS0021 Datasheet
519Kb / 12P
   High Efficiency PFM Step-up DC/DC Converter
logo
Stanson Technology
ST1638 STANSON-ST1638 Datasheet
98Kb / 7P
   Step-Up DC/DC Converter High Efficiency PFM
logo
ELM Technology Corporat...
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com