Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM92501B-N Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM92501B-N
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92501B-N Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM92501B-N Datasheet HTML 4Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 5Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 6Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 7Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 8Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 9Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 10Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 11Page - ELM Technology Corporation ELM92501B-N Datasheet HTML 12Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
4. RON
* Vlx=3V, R=30Ω
* Ron=
R • Von Ω
Vlx-Von
5. Ilxl
6. Vceh, Vcel, Iceh, Icel
Remarks) CE pin : ELM92xx2x series
■External parts
1) Coil
To design DC/DC converters using ELM92 series, coil, diode, and capacitor are necessary.
(Refer to the standard circuit configuration.)
When choosing choke coil, please select that whose core is not magnetically saturated, DC resistance is
low, and which has sufficient margin for rated current.
ELM recommends to use inductance around 2.2μH. It is possible that output voltage ripple form may reach
over 10mV when using high industance. If ripple can be ingored, it is possible to acquire high efficiency
with high industance.
The examples using 4.7μH are shown as follows.
15 -
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter


Similar Part No. - ELM92501B-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
More results

Similar Description - ELM92501B-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com