Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM92271C-N Datasheet(PDF) 6 Page - ELM Technology Corporation

Part # ELM92271C-N
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92271C-N Datasheet(HTML) 6 Page - ELM Technology Corporation

Back Button ELM92271C-N Datasheet HTML 2Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 3Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 4Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 5Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 6Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 7Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 8Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 9Page - ELM Technology Corporation ELM92271C-N Datasheet HTML 10Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note
Input voltage
Vin
7
V
Starting voltage
Vst
No-load
0.9
V
1
Output voltage1
Vout1 Iout=60mA, Vin=1.5V
2.925
3.000
3.075
V
1
Output voltage2
Vout2 Iout=0.1mA, Vin=1.5V
Vout1
×1.005
Vout1
×1.010
Vout1
×1.020
V1
Current consumption1
Iss1
Vout=Vout(T)×0.95
300
480
μA
2
Current consumption2
Iss2
Vout=Vout(T)+0.5V
75
120
μA
2
Current consumption
in Shutdown
Isd
Vout=Vout(T)×0.95, Vce=0
0.5
μA
2
Oscillating frequency
Fosc
Vout=Vout(T)×0.95
510
600
690
kHz
3
Duty ratio
Duty Vout=Vout(T)×0.95
80
88
95
%
3
Frequency of
Intermittent control
Fimt
12
17
kHz
3
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
250
340
4
Leakage current of LX switch
Ilxl
Vout=Vlx=7V
1
μA
5
CE Input voltage "H"
Vceh
0.8
V
6
CE Input voltage "L"
Vcel
0.25
V
6
CE Input current "H"
Iceh
Vout=Vout(T)×0.95,
Vce=Vout(T)×0.95
0.1
μA
6
CE Input current "L"
Icel
Vout=Vout(T)×0.95, Vce=0
-0.1
μA
6
Vout=3.0V (ELM92302x)
Vce=Vout, L=2.2μH, Cout=47μF, D=MA735, Vss=0V, Top=25°C
* Vout : input voltage to VOUT pin
* Vout(T)
: typical value of Vout1
* Vce : input voltage to CE pin
* Remarks : test circuit No
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note
Input voltage
Vin
7
V
Starting voltage
Vst
No-load
0.9
V
1
Output voltage1
Vout1 Iout=60mA, Vin=1.5V
3.218
3.300
3.382
V
1
Output voltage2
Vout2 Iout=0.1mA, Vin=1.5V
Vout1
×1.005
Vout1
×1.010
Vout1
×1.020
V1
Current consumption1
Iss1
Vout=Vout(T)×0.95
320
510
μA
2
Current consumption2
Iss2
Vout=Vout(T)+0.5V
80
130
μA
2
Current consumption
in Shutdown
Isd
Vout=Vout(T)×0.95, Vce=0
0.5
μA
2
Oscillating frequency
Fosc
Vout=Vout(T)×0.95
510
600
690
kHz
3
Duty ratio
Duty Vout=Vout(T)×0.95
80
88
95
%
3
Frequency of
Intermittent control
Fimt
12
17
kHz
3
On-resistance of LX switch
Ron
Vout=Vout(T)×0.95
245
330
4
Leakage current of LX switch
Ilxl
Vout=Vlx=7V
1
μA
5
CE Input voltage "H"
Vceh
0.8
V
6
CE Input voltage "L"
Vcel
0.25
V
6
CE Input current "H"
Iceh
Vout=Vout(T)×0.95,
Vce=Vout(T)×0.95
0.1
μA
6
CE Input current "L"
Icel
Vout=Vout(T)×0.95, Vce=0
-0.1
μA
6
Vout=3.3V (ELM92332x)
Vce=Vout, L=2.2μH, Cout=47μF, D=MA735, Vss=0V, Top=25°C
* Vout : input voltage to VOUT pin
* Vout(T)
: typical value of Vout1
* Vce : input voltage to CE pin
* Remarks : test circuit No
15 -
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter


Similar Part No. - ELM92271C-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
More results

Similar Description - ELM92271C-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com