Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPHE010C751 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # BPHE010C751
Description  AC TO DC LED DRIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

BPHE010C751 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  BPHE010C751 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. BPHE010C751 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
AC TO DC LED DRIVER
聯寶電子股份有限公司
BPHE010CXXX Series Class 2 Power unit
LinkCom Manufacturing Co., Ltd.
2008.8
www.linkcom.com.tw
For more information, please contact with: sales@linkcom.com.tw
◆Suitable for Hi-Power LED Lighting
Applications.
◆Universal AC Input /Full range
◆DC Output with Constant Current
◆Safety: UL1310; EN60950-1; CB
◆EMC: CE; EN55022; EN55024
◆Comply with Indoor/Outdoor Waterproof (IP 67)
◆MTBF: 100,000 hrs/25℃
◆High Reliability
Electrical Specifications @25°C
Voltage range
100~240Vac
Frequency range
50/60Hz
Efficiency (Typ.)
56%~80%
AC current
0.25A (Max.)
Inrush current
40A/230Vac cold start
Input
Leakage current
0.7mA/264Vac/60Hz
Function
Protection
Short-circuit ;OVP; OTP;Constant Current
Operating ambient Temp.
-20℃~+60℃
Operating relative Hum.
Comply with indoor/outdoor waterproof (IP67)
Storage ambient Temp.
-40℃~+80℃
Environment
Storage relative Hum.
Comply with indoor/outdoor waterproof (IP67)
MTBF
100,000 hrs/25℃
Safety & EMC
UL1310; EN60950-1; CB & CE; EN55022; EN55024
RoHS
YES
Others
Dimension (mm) L*W*H
97.5*40*30(with screw hold)
BPHE010Cxxx Series List
Model No.
DC Output Voltage
DC Output Current
Watt Max.
Remark
BPHE010C201
3~48V
200mA
9.6W
BPHE010C301
3~34V
300mA
10.2W
BPHE010C351
3~30V
350mA
10.5W
BPHE010C401
3~25V
400mA
10.0W
BPHE010C501
3~20V
500mA
10.0W
BPHE010C601
3~17V
600mA
10.2W
BPHE010C701
3-15V
700mA
10.5W
BPHE010C751
3~13V
750mA
9.8W
BPHE010C801
3~12V
800mA
9.6W
FEATURES


Similar Part No. - BPHE010C751

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPHE010C751 LINKCOM-BPHE010C751 Datasheet
509Kb / 4P
   LED Driver
BPHE010C751-50 LINKCOM-BPHE010C751-50 Datasheet
487Kb / 3P
   10W LED Driver
More results

Similar Description - BPHE010C751

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPHE005C201 LINKCOM-BPHE005C201 Datasheet
241Kb / 2P
   AC TO DC LED DRIVER
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com