Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP10A248001 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LSP10A248001
Description  AC TO DC LED POWER SUPPLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LSP10A248001 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LSP10A248001 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
AC TO DC LED POWER SUPPLY
100W IP 67
LinkCom Manufacturing Co., Ltd.
Ver. A
200807
www.linkcom.com.tw
For more information, please contact with :sales@linkcom.com.tw
◆AC Input 90~264Vac
◆Protection: OVP; OTP;OPP;SCP
◆High Operating ambient Temp: -20°C ~ +60°C
◆Power Factor:>0.98@115Vac;>0.9@230Vac
@full load
◆Safety: TUV61347 ;
◆EMC: CE
◆Comply with Indoor/Outdoor Waterproof
(IP 67)
◆Dimension (mm): L*W*H: 240x73x43
Electrical Specifications @25°C
Part No.
LSP10A248001
DC Voltage
48V
Voltage adjust range
NA
Rated current
2.1A
Rated power
100W
Output
Protection
OVP; OTP ;OPP;SCP
Voltage range
90~264Vac
Frequency range
47~63Hz
Efficiency
85% @115Vac/60Hz
AC current
1.7A
Input
Inrush current
100A/220Vac cold start
Operating
ambient
-20°C ~+60°C
Operating relative Hum.
Comply with Indoor/Outdoor Waterproof (IP 67)
Storage ambient Temp.
-40°C ~+80°C
Environment
Storage relative Hum.
Comply with Indoor/Outdoor Waterproof (IP 67)
MTBF
100000 hrs/25°C
Safety & EMC
EN61347; CE
RoHS
YES
Others
Dimension (mm) L*W*H
240x73x43
Note
DIMENSIONS [mm]
FEATURES


Similar Part No. - LSP10A248001

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP10A212001 LINKCOM-LSP10A212001 Datasheet
56Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A236001 LINKCOM-LSP10A236001 Datasheet
92Kb / 1P
   AC TO DC LED POWER SUPPLY
More results

Similar Description - LSP10A248001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
   AC to DC LED Power Supply
logo
LinkCom Manufacturing C...
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A236001 LINKCOM-LSP10A236001 Datasheet
92Kb / 1P
   AC TO DC LED POWER SUPPLY
logo
Marl International Limi...
LF2200 MARL-LF2200 Datasheet
122Kb / 1P
   AC to DC LED Power Supply
logo
LinkCom Manufacturing C...
LSP200212001-50 LINKCOM-LSP200212001-50 Datasheet
102Kb / 2P
   AC TO DC LED POWER SUPPLY
LSP400212001-50 LINKCOM-LSP400212001-50 Datasheet
119Kb / 2P
   AC TO DC LED POWER SUPPLY
BPCE030C112 LINKCOM-BPCE030C112 Datasheet
80Kb / 1P
   AC TO DC LED POWER SUPPLY
BPCE030C701 LINKCOM-BPCE030C701 Datasheet
80Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A212001 LINKCOM-LSP10A212001 Datasheet
56Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP600212001-50 LINKCOM-LSP600212001-50 Datasheet
135Kb / 3P
   AC TO DC LED POWER SUPPLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com