Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM13406CA Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM13406CA
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM13406CA Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM13406CA Datasheet HTML 1Page - ELM Technology Corporation ELM13406CA Datasheet HTML 2Page - ELM Technology Corporation ELM13406CA Datasheet HTML 3Page - ELM Technology Corporation ELM13406CA Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
3
6
9
12
15
012
345
Vds (Volts)
Fig 1: On-Region Characteristics
Vgs=3V
3.5V
4V
6V
10V
0
2
4
6
8
10
1.52
2.53
3.54
4.55
Vgs(Volts)
Figure 2: Transfer Characteristics
40
50
60
70
80
90
100
02
46
8
10
Id (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Vsd (Volts)
Figure 6: Body-Diode Characteristics
25°
125°
0.8
1
1.2
1.4
1.6
1.8
025
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
Vgs=10V
Vgs=4.5V
0
50
100
150
200
2468
10
Vgs (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
Vds=5V
Vgs=4.5V
Vgs=10V
Id=3.6A
25°C
125°C
Id=3.6A
4.5V


Similar Part No. - ELM13406CA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13406CA-S ELM-TECH-ELM13406CA-S Datasheet
416Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM13406CA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com