Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF150O-3.3S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AQF150O-3.3S
Description  AC-DC Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF150O-3.3S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AQF150O-3.3S Datasheet HTML 1Page - Arch Electronics Corp. AQF150O-3.3S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_5
update : 97.02.14
AC-DC Switching Power Supply
AQF150O SERIES
150 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
AQF150O-3.3S
AQF150O-5S
AQF150O-12S
AQF150O-15S
AQF150O-24S
AQF150O-48S
Max Output Wattage
(Convection)
(W)
66W
100W
120W
120W
120W
120W
Max Output Wattage
(18CFM FAN)
(W)
82.5W
125W
150W
150W
150W
150W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
3 A max. (115 VAC) / 1.5 A max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
3.5 mA max.
Input
Power Factor
PF>0.97 (115 VAC) / PF>0.93 (230 VAC) at Full Load
Voltage (V.DC.)
3.3V
5V
12V
15V
24V
48V
Voltage Accuracy
±2%
Current (Convection) (A) max
20
20
10
8
5
2.5
Current (18CFM FAN) (A) max
25
25
12.5
10
6.25
3.13
Line Regulation
(LL-HL) (typ.)
±1%
Load Regulation
(5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple & Noise
100 mV
max.
1% max..
Efficiency
73%
78%
81%
81%
82%
83%
Hold-up Time
18 ms min.
Output
Switching Frequency
67 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>100,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
5.0 x 3.0 x 1.4 Inches
( 127.0 x 76.2 x 35.5 mm ) Tolerance
±0.5 mm
Weight
365 g
Physical
Cooling Method
Free air convection / 18CFM Forced Air
Safety
Agency Approvals
CE, UL
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Open Frame Switching Power Supply
With PFC Function
3.3 VDC to 48 VDC Single Output
3000 VAC Input to Output Isolation
150 Watt with 18CFM FAN
Ultra Compact Size: 5.0 x 3.0 x 1.4 Inches
2-Years Product Warranty
Measured with 0.1
μ 50V // 47μ 50V Ceramic Cap. Cross to output


Similar Part No. - AQF150O-3.3S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF150D ARCH-AQF150D Datasheet
241Kb / 2P
   AC-DC Switching Power Supply
AQF150D-12S ARCH-AQF150D-12S Datasheet
241Kb / 2P
   AC-DC Switching Power Supply
AQF150D-15S ARCH-AQF150D-15S Datasheet
241Kb / 2P
   AC-DC Switching Power Supply
AQF150D-24S ARCH-AQF150D-24S Datasheet
241Kb / 2P
   AC-DC Switching Power Supply
AQF150D-3.3S ARCH-AQF150D-3.3S Datasheet
241Kb / 2P
   AC-DC Switching Power Supply
More results

Similar Description - AQF150O-3.3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com