Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14412AA-N Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM14412AA-N
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM14412AA-N Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM14412AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM14412AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM14412AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM14412AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
1
2
3
4
5
0123456
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
Vds (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
Vds (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
Ps
10ms
1ms
0.1s
1s
10s
DC
Rds(on)
limited
Tj(max)=150°C
Ta=25°C
Vds=15V
Id=8.5A
Single Pulse
D=Ton/T
Tj,pk=Ta+Pdm.ZTja.RTja
RTja=40°C/W
Ton
T
Pd
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Tj(max)=150°C
Ta=25°C


Similar Part No. - ELM14412AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14411AA-N ELM-TECH-ELM14411AA-N Datasheet
94Kb / 4P
   Single P-channel MOSFET
ELM14413AA-N ELM-TECH-ELM14413AA-N Datasheet
95Kb / 4P
   Single P-channel MOSFET
ELM14414AA-N ELM-TECH-ELM14414AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14415AA-N ELM-TECH-ELM14415AA-N Datasheet
97Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM14412AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com