Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM99501271BW-N Datasheet(PDF) 11 Page - ELM Technology Corporation

Part # ELM99501271BW-N
Description  CMOS Middle current dual voltage regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM99501271BW-N Datasheet(HTML) 11 Page - ELM Technology Corporation

Back Button ELM99501271BW-N Datasheet HTML 7Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 8Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 9Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 10Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 11Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 12Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 13Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 14Page - ELM Technology Corporation ELM99501271BW-N Datasheet HTML 15Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
-20
0
20
40
60
80
2.60
2.62
2.64
2.66
2.68
2.70
2.72
2.74
2.76
2.78
2.80
Top()
Vout - Top
Vin=3.7V
Iout=1mA
100mA
2.5
3.0
3.5
2.0
2.5
Vin(V)
Vout - Vin
Top=25
Iout=1mA
40mA
100mA
34
56
78
2.66
2.68
2.70
2.72
2.74
Vin(V)
Vout - Vin
Top=25
Iout=40mA
0
50
100
150
200
250
300
2.2
2.4
2.6
2.8
3.0
3.2
Iout(mA)
Top=+80
-30
+25
Vin=3.7V
Vout - Iout
100
200
300
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
Iout(mA)
Vdif - Iout
Top=+80
+25
-30
10
1
10
2
10
3
10
4
10
5
0
10
20
30
40
50
60
Frequency(Hz)
Ripple Rejection
Co=1.0
μF


Similar Part No. - ELM99501271BW-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99501B-N ELM-TECH-ELM99501B-N Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
ELM99501B-S ELM-TECH-ELM99501B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
More results

Similar Description - ELM99501271BW-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
RICOH electronics devic...
RX5RE40A RICOH-RX5RE40A Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com