Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-5025 Datasheet(PDF) 1 Page - PIC GmbH

Part # PMC-5025
Description  Power Form C Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-5025 Datasheet(HTML) 1 Page - PIC GmbH

  PMC-5025 Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
PMC-5025
Power Form C Switch
Pb
Lead free
m
10
Dimensions
COM
N.O.
N.C.
B
A
C
D
E
Electrical Characteristics
Contact form
C
Contact material
Rh
Contact rating max.
60
Switching current max.
1.0
Carry current max.
2.0
230
Switching voltage max.
230
Breakdown voltage min.
400
Contact resistance (initial) max.
100
Insulation resistance min.
9
Capacitance typ.
1.0
W / VA
A
A
VDC
VAC
VDC
pF
Pull in range available
80 - 120
AT
015
Drop out min.
20
AT
Magnetical Characteristics
Test coil
Operate time (incl. bounce) max.
4.5
ms
Release time max.
4.5
ms
Switching frequency max.
100
Hz
Resonant frequency typ.
Hz
Operating Characteristics
Vibration (50-2000 Hz)
g
Shock (1/2 sin 11 ms)
50
g
Operating temperature
-40 to +125
°C
80.00
= Total length nom.
52.00
= Glass length max.
5.60
= Glass diameter max.
0.50 x 2.5
= Wire diameter nom.
37.00
= Gap location nom.
A
B
C
D
E
in mm
TC
© PIC GmbH, Nürnberg (GERMANY)
Page 1 of 1
pmc5025_e
1.2
Rev.


Similar Part No. - PMC-5025

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-5025E PIC-PMC-5025E Datasheet
22Kb / 1P
   Latching Reed Switch
PMC-5025X PIC-PMC-5025X Datasheet
191Kb / 1P
   Latching Reed Switch
PMC-5025X PIC-PMC-5025X_14 Datasheet
192Kb / 1P
   Bistabiler Reedschalter
PMC-5025 PIC-PMC-5025_14 Datasheet
186Kb / 1P
   Leistungs-Wechslerkontakt
More results

Similar Description - PMC-5025

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-3617 PIC-PMC-3617 Datasheet
186Kb / 1P
   Power Form C Switch
HSR-834WT PIC-HSR-834WT Datasheet
27Kb / 1P
   Power Form C Switch
HSR-634WT PIC-HSR-634WT Datasheet
27Kb / 1P
   Power Form C Switch
CRH500 PIC-CRH500 Datasheet
161Kb / 1P
   Power Form C Switch
CRH-500 PIC-CRH-500 Datasheet
26Kb / 1P
   Power Form C Switch
PMC-1496B PIC-PMC-1496B Datasheet
174Kb / 1P
   Standard Form C Switch
PMC-1496 PIC-PMC-1496 Datasheet
26Kb / 1P
   Standard Form C Switch
TRH-200B PIC-TRH-200B Datasheet
27Kb / 1P
   Standard Form C Switch
HSR-502 PIC-HSR-502 Datasheet
26Kb / 1P
   Micro Form C Switch
TRH200B PIC-TRH200B Datasheet
175Kb / 1P
   Standard Form C Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com