Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF250D-48S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AQF250D-48S
Description  AC-DC Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF250D-48S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AQF250D-48S Datasheet HTML 1Page - Arch Electronics Corp. AQF250D-48S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_9
update : 98.04.09
AC-DC Switching Power Supply
AQF250D SERIES
250 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
DERATING
STATIC CHARACTERISTICS
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
PIN#
SINGLE
1
FG
2
AC IN (N)
3
AC IN (L)
4
+DC OUT
5
+DC OUT
6
+DC OUT
7
-DC OUT
8
-DC OUT
9
-DC OUT
Please note the length of screw do not over 3mm in case breaking through
Mylar under PCB board.


Similar Part No. - AQF250D-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF250E ARCH-AQF250E Datasheet
229Kb / 2P
   AC-DC Switching Power Supply
AQF250E-12S ARCH-AQF250E-12S Datasheet
229Kb / 2P
   AC-DC Switching Power Supply
AQF250E-15S ARCH-AQF250E-15S Datasheet
229Kb / 2P
   AC-DC Switching Power Supply
AQF250E-24S ARCH-AQF250E-24S Datasheet
229Kb / 2P
   AC-DC Switching Power Supply
AQF250E-3.3S ARCH-AQF250E-3.3S Datasheet
229Kb / 2P
   AC-DC Switching Power Supply
More results

Similar Description - AQF250D-48S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com