Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14704AA-N Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM14704AA-N
Description  Single N-channel MOSFET with schottky diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM14704AA-N Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM14704AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM14704AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM14704AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM14704AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
10
20
30
40
50
60
01
23
45
Vds (Volts)
Figure 1: On-Regions Characteristi
cs
Vgs =2.0V
Vgs =2.5V
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vgs (Volts)
Figure 2: Transfer Characteristics
25°C
125°C
Vgs=5V
7
8
9
10
11
12
13
0
5
10
15
20
25
30
Id (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
Vgs =10V
Vgs =4.5V
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
Vgs=4.5V
Id=13A
Vgs=10V
0
5
10
15
20
25
30
02468
10
Vgs (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
Id=13A
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
Vsd (Volts)
Figure 6: Body-Diode Characteristics
(Note F)
25°C
125°C
FET+SCHOTTKY


Similar Part No. - ELM14704AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14700AA-N ELM-TECH-ELM14700AA-N Datasheet
117Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM14701AA-N ELM-TECH-ELM14701AA-N Datasheet
119Kb / 5P
   Single P-channel MOSFET with schottky diode
ELM14702AA-N ELM-TECH-ELM14702AA-N Datasheet
97Kb / 4P
   Single N-channel MOSFET with schottky diode
logo
ELM Electronics
ELM14702AA-N ELM-ELM14702AA-N Datasheet
808Kb / 4P
   Single N-channel MOSFET with schottky diode
More results

Similar Description - ELM14704AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM16706EA-S ELM-TECH-ELM16706EA-S Datasheet
124Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM14700AA-N ELM-TECH-ELM14700AA-N Datasheet
117Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM16704EA-S ELM-TECH-ELM16704EA-S Datasheet
124Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM16700EA-S ELM-TECH-ELM16700EA-S Datasheet
98Kb / 4P
   Single N-channel MOSFET with schottky diode
ELM16702EA-S ELM-TECH-ELM16702EA-S Datasheet
114Kb / 5P
   Single N-channel MOSFET with schottky diode
logo
ELM Electronics
ELM14702AA-N ELM-ELM14702AA-N Datasheet
808Kb / 4P
   Single N-channel MOSFET with schottky diode
logo
ELM Technology Corporat...
ELM14702AA-N ELM-TECH-ELM14702AA-N Datasheet
97Kb / 4P
   Single N-channel MOSFET with schottky diode
logo
Sinopower Semiconductor...
SM1691OSCS SINOPWER-SM1691OSCS Datasheet
260Kb / 12P
   Single N-Channel Enhancement Mode MOSFET with Schottky Diode
logo
Advanced Power Electron...
AP3N2R8MT A-POWER-AP3N2R8MT Datasheet
71Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
AP3N3R3MT A-POWER-AP3N3R3MT Datasheet
72Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com