Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14815AA-N Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM14815AA-N
Description  Dual P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM14815AA-N Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM14815AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM14815AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM14815AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM14815AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISI
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
-Vds (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
-Vds (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
Ps
10ms
1ms
0.1s
1s
10s
DC
Tj(max)=150°C
Ta=25°C
Rds(on)
limited
Vds=-15V
Id=-8A
Single Pulse
D=Ton/T
Tj,pk=Ta+Pdm.ZTja.RTja
RTja=62.5°C/W
Ton
T
Pd
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Tj(max)=150°C
Ta=25°C
10
Ps


Similar Part No. - ELM14815AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14812AA-N ELM-TECH-ELM14812AA-N Datasheet
97Kb / 4P
   Dual N-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
ELM14816AA-N ELM-TECH-ELM14816AA-N Datasheet
96Kb / 4P
   Dual N-channel MOSFET
ELM14817AA-N ELM-TECH-ELM14817AA-N Datasheet
98Kb / 4P
   Dual P-channel MOSFET
ELM14818AA-N ELM-TECH-ELM14818AA-N Datasheet
96Kb / 4P
   Dual N-channel MOSFET
More results

Similar Description - ELM14815AA-N

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
ELM Electronics
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
   Dual P-channel MOSFET
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
   Dual P-channel MOSFET
logo
ELM Technology Corporat...
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
   Dual P-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
   Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com