Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3018W Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SK3018W
Description  N-Channel POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SK3018W Datasheet(HTML) 1 Page - Weitron Technology

  2SK3018W Datasheet HTML 1Page - Weitron Technology 2SK3018W Datasheet HTML 2Page - Weitron Technology 2SK3018W Datasheet HTML 3Page - Weitron Technology 2SK3018W Datasheet HTML 4Page - Weitron Technology 2SK3018W Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WEITRON
http://www.weitron.com.tw
2SK3018W
Rating
Symbol
Unit
VGS
ID
PD
±20
100
200
Operating Junction Temperature Range
Storage Temperature Range
* With each pin mounted on the recommended lands.
TJ
Tstg
°C
V
mW
Gate-Source Voltage
Device Marking
2SK3018 = KN
N-Channel POWER MOSFET
Features:
* Simple Drive Requirement
* Small Package Outline
Description:
* Low on-resistance.
* Fast switching speed.
* Low voltage drive (2.5V) makes this device ideal for
portable equipment.
* Easily designed drive circuits.
* Easy to parallel.
+150
°C
1
2
3
Drain-Source Voltage
VDS
30
V
Lead(Pb)-Free
P b
Continuous Drain Current
TA=25°C
mA
IDM
400
mA
Pulsed Drain Current (tp ≤ 10µS)
Maximum Ratings (TA=25°C Unless Otherwise Specified)
1/5
30-Oct-09
SOT-323(SC-70)
1
2 SOURCE
3 DRAIN
GATE
*Gate
Protection
Diode
-55 to +150
Value
Power Dissipation (TA=25°C)*


Similar Part No. - 2SK3018W

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SK3018W FOSHAN-2SK3018W Datasheet
1Mb / 6P
   N-Channel MOSFET in a SOT-323 Plastic Package
logo
DONGGUAN YOU FENG WEI E...
2SK3018W YFWDIODE-2SK3018W Datasheet
560Kb / 3P
   N-channel MOSFET
logo
SHIKUES Electronics
2SK3018W SKTECHNOLGY-2SK3018W Datasheet
427Kb / 2P
   N-channel MOSFET
logo
Shanghai Leiditech Elec...
2SK3018W LEIDITECH-2SK3018W Datasheet
1Mb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
2SK3018W-SOT323 YFWDIODE-2SK3018W-SOT323 Datasheet
1Mb / 3P
   N-channel MOSFET
More results

Similar Description - 2SK3018W

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com