Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM33411CA-S Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM33411CA-S
Description  Single P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM33411CA-S Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM33411CA-S Datasheet HTML 1Page - ELM Technology Corporation ELM33411CA-S Datasheet HTML 2Page - ELM Technology Corporation ELM33411CA-S Datasheet HTML 3Page - ELM Technology Corporation ELM33411CA-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Body Diode Forward Voltage Variation with Source Current and Temperature
T = 125°C
-V - Body Diode Forward Voltage(V)
0.6
0.0001
0
0.001
0.01
0.2
0.4
25°C
V = 0V
0.1
1
10
GS
A
0.8
1.0
-55°C
1.2


Similar Part No. - ELM33411CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM33410CA-S ELM-TECH-ELM33410CA-S Datasheet
115Kb / 4P
   Single N-channel MOSFET
ELM33412CA-S ELM-TECH-ELM33412CA-S Datasheet
432Kb / 4P
   Single N-channel MOSFET
ELM33413CA-S ELM-TECH-ELM33413CA-S Datasheet
495Kb / 4P
   Single P-channel MOSFET
ELM33414CA-S ELM-TECH-ELM33414CA-S Datasheet
382Kb / 4P
   Single N-channel MOSFET
ELM33415CA-S ELM-TECH-ELM33415CA-S Datasheet
364Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM33411CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36403EA-S ELM-ELM36403EA-S Datasheet
976Kb / 4P
   Single P-channel MOSFET
ELM36405EA-S ELM-ELM36405EA-S Datasheet
812Kb / 4P
   Single P-channel MOSFET
ELM23401CA-S ELM-ELM23401CA-S Datasheet
1Mb / 3P
   Single P-channel MOSFET
ELM340703A-N ELM-ELM340703A-N Datasheet
811Kb / 4P
   Single P-channel MOSFET
ELM53401CA-S ELM-ELM53401CA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM342004A-N ELM-ELM342004A-N Datasheet
820Kb / 4P
   Single P-channel MOSFET
ELM549407A-N ELM-ELM549407A-N Datasheet
1Mb / 5P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM13401CA-S ELM-TECH-ELM13401CA-S Datasheet
383Kb / 4P
   Single P-channel MOSFET
ELM13405CA-S ELM-TECH-ELM13405CA-S Datasheet
391Kb / 4P
   Single P-channel MOSFET
ELM13409CA-S ELM-TECH-ELM13409CA-S Datasheet
395Kb / 4P
   Single P-channel MOSFET
ELM34401AA-N ELM-TECH-ELM34401AA-N Datasheet
433Kb / 4P
   Single P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com