Electronic Components Datasheet Search |
|
MC68EC000D Datasheet(PDF) 10 Page - Motorola, Inc |
|
MC68EC000D Datasheet(HTML) 10 Page - Motorola, Inc |
10 / 26 page 10 M68000 USER’S MANUAL ADDENDUM MOTOROLA 5.0 MC68SEC000 DC ELECTRICAL SPECIFICATIONS Add the following table to Section 10.13 on page 10-23. (VCC = 5.0 Vdc ±5%, 3.3 Vdc ±10%,; GND = 0 Vdc; TA = TL to TH) *During normal operation, instantaneous Vcc current requirements may be as high as 1.5A. Currents listed are with no loading. **Capacitance is periodically sampled rather than 100% tested. 3.3 V 5.0 V CHARACTERISTIC SYMBOL MIN MAX MIN MAX UNIT Input High Voltage VIH 2.0 VCC 2.0 VCC V Input Low Voltage VIL GND 0.8 GND – 0.5 0.8 V Input Leakage Current BERR, BR, DTACK, CLK, I PL2-IPL0, AVEC MODE, HALT, RESET Iin — 2.5 20 — 2.5 20 uA Three-State (Off State) Input Current ITSI — 2.5 — 2.5 uA Output High Voltage VOH 2.4 — VCC–0.75 — V Output Low Voltage (IOL = 1.6 mA) HALT (IOL = 3.2 mA) A23–A0, BG, FC2–FC0 (IOL = 5.0 mA) RESET (IOL = 5.3 mA) AS, D15–D0, LDS, R/W, UDS VOL — — — — 0.5 0.5 0.5 0.5 — — — — 0.5 0.5 0.5 0.5 V Current Dissipation* f = 0 Hz ID — 0.7 — 1.0 mA f=10MHz — 10 — 15 mA f=16 MHz — 15 — 25 mA f= 20 MHz — 20 — 30 mA Capacitance (Vin = 0 V, TA = 25 °C, Frequency = 1 MHz)** Cin — 20.0 — 20.0 pF Load Capacitance HALT All Others CL — 70 130 —70 130 pF |
Similar Part No. - MC68EC000D |
|
Similar Description - MC68EC000D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |