Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148W Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # 1N4148W
Description  High Speed Switching Diode 200mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4148W Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1N4148W Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4148W Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4148W Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4148W
www.cnelectr .com


Similar Part No. - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W Datasheet
132Kb / 2P
   SMD Small Signal Switching Diodes
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
   For surface mounted applications
More results

Similar Description - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WX MCC-1N4148WX_16 Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
1N4148WXL MCC-1N4148WXL Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX_13 Datasheet
206Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX Datasheet
173Kb / 2P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX_11 Datasheet
183Kb / 3P
   High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com