Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z56H Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # MM5Z56H
Description  Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MM5Z56H Datasheet(HTML) 2 Page - Zowie Technology Corporation

  MM5Z56H Datasheet HTML 1Page - Zowie Technology Corporation MM5Z56H Datasheet HTML 2Page - Zowie Technology Corporation MM5Z56H Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zener Voltage
1)
Zener Impedance
Leakage Current
VZT (V)
@ lZT
ZZT
ZZK
at IZK
IR @ VR
θ
VZ (mV/k)
@ IZT
C
@VR = 0
f =1 MHz
Type
Marking
Code
Min.
Nom.
Max.
mA
mA
µA
V
Min.
Max.
pF
MM5Z2V0
H
RD
1.8
2.0
2.15
5
100
-
-
120
0.5
-
-
-
MM5Z2V2
H
RE
2.08
2.2
2.33
5
100
-
-
120
0.7
-
-
-
MM5Z2V4
H
Z7
2.2
2.4
2.6
5
100
1000
1
120
1
-3.5
0
450
MM5Z2V7
H
A8
2.5
2.7
2.9
5
100
1000
1
120
1
-3.5
0
450
MM5Z3V3
H
C8
3.1
3.3
3.5
5
95
1000
1
20
1
-3.5
0
450
MM5Z3V6
H
D8
3.4
3.6
3.8
5
90
1000
1
10
1
-3.5
0
450
MM5Z3V9
H
E8
3.7
3.9
4.1
5
90
1000
1
5
1
-3.5
-2.5
450
MM5Z4V3
H
F8
4
4.3
4.6
5
90
1000
1
5
1
-3.5
0
450
MM5Z4V7
H
G8
4.4
4.7
5
5
80
800
1
2
1
-3.5
0.2
260
MM5Z5V1
H
H8
4.8
5.1
5.4
5
60
500
1
2
1.5
-2.7
1.2
225
MM5Z5V6
H
I8
5.2
5.6
6
5
40
200
1
1
2.5
-2.0
2.5
200
MM5Z6V2
H
J8
5.8
6.2
6.6
5
10
100
1
1
3
0.4
3.7
185
MM5Z6V8
H
K8
6.4
6.8
7.2
5
15
160
1
0.5
3.5
1.2
4.5
155
MM5Z7V5
H
L8
7
7.5
7.9
5
15
160
1
0.5
4
2.5
5.3
140
MM5Z8V2
H
M8
7.7
8.2
8.7
5
15
160
1
0.5
5
3.2
6.2
135
MM5Z9V1
H
N8
8.5
9.1
9.6
5
15
160
1
0.5
6
3.8
7.0
130
MM5Z10
H
O8
9.4
10
10.6
5
20
160
1
0.1
7
4.5
8.0
130
MM5Z11
H
P8
10.4
11
11.6
5
20
160
1
0.1
8
5.4
9.0
130
MM5Z12
H
Q8
11.4
12
12.7
5
25
80
1
0.1
9
6.0
10
130
MM5Z13
H
R8
12.4
13.25
14.1
5
30
80
1
0.1
10
7.0
11
120
MM5Z15
H
S8
14.3
15
15.8
5
30
80
1
0.1
11
9.2
13
110
MM5Z16
H
T8
15.3
16.2
17.1
2
40
80
1
0.1
12
10.4
14
105
MM5Z18
H
U8
16.8
18
19.1
2
45
80
1
0.1
13
12.4
16
100
MM5Z20
H
V8
18.8
20
21.2
2
55
100
1
0.1
15
14.4
18
85
MM5Z22
H
W8
20.8
22
23.3
2
55
100
1
0.1
17
16.4
20
85
MM5Z24
H
X8
22.8
24.2
25.6
2
70
120
1
0.1
19
18.4
22
80
MM5Z27
H
Y8
25.1
27
28.9
2
80
300
1
0.1
21
21.4
25.3
70
MM5Z30
H
Z8
28
30
32
2
80
300
1
0.1
23
24.4
29.4
70
MM5Z33
H
A9
31
33
35
2
80
300
1
0.1
25
27.4
33.4
70
MM5Z36
H
B9
34
36
38
2
90
500
1
0.1
27
30.4
37.4
70
MM5Z39
H
C9
37
39
41
2
130
500
1
2
30
33.4
41.2
45
MM5Z43
H
D9
40
43
46
1
150
500
1
2
33
37.6
46.6
40
MM5Z47
H
E9
44
47
50
1
170
500
1
2
36
42.0
51.8
40
MM5Z51
H
F9
48
51
54
1
180
500
1
1
39
46.6
57.2
40
MM5Z56
H
G9
52
56
60
1
200
500
1
1
43
52.2
63.8
40
MM5Z62
H
H9
58
62
66
1
215
500
1
0.2
47
58.8
71.6
35
MM5Z68
H
I9
64
68
72
1
240
500
1
0.2
52
65.6
79.8
35
MM5Z75
H
J9
70
75
79
1
255
500
1
0.2
57
73.4
88.6
35
1) Tested with pulses tp = 20 ms.
MM5Z2V0H~MM5Z75H
Zowie Technology Corporation
Zowie Technology Corporation
REV. 0
MM5Z3V0
H
B8
2.8
3.0
3.2
5
100
1000
1
50
1
-3.5
0
450


Similar Part No. - MM5Z56H

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM5Z56 SEMTECH_ELEC-MM5Z56 Datasheet
266Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z56 HTSEMI-MM5Z56 Datasheet
639Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z56 DGNJDZ-MM5Z56 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
MM5Z56 DGNJDZ-MM5Z56 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Sangdest Microelectroni...
MM5Z56 SMC-MM5Z56 Datasheet
103Kb / 4P
   ZENER DIODES
More results

Similar Description - MM5Z56H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com