Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2504 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # AM2504
Description  HIGH VOLTAGE PRESS FIT DIODE FOR AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

AM2504 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  AM2504 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech AM2504 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: Copper case
Technology: cell with vcauum soldered
Polarity: As marked of case bottom
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: Press fit
Weigth: 9.0 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols AM2501 AM2502 AM2504 AM2506 AM2508 AM2510 AM2512 Units
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
1000
1200
Volts
Maximum RM S voltage
VRMS
70
140
280
420
560
700
840
Volts
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
1200
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
25
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
300
Amps
Rating for fusing(t<8.3ms)
I
2t
374
A
2S
Maximum instantaneous forward voltage
drop at 35A
VF
1.0
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
500
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AM2501
THRU
AM2512
HIGH VOLTAGE PRESS FIT
DIODE FOR AUTOMOTIVE
RECTIFIER(MOTOROLA)
VOLTAGE RANGE
100 TO 1200 VOLTS
CURRENT 25AMPS
Dimensions in inches and millimeters
1.28±0.05
.050±.002
15.7±0.1
.62±.004
1.28±0.05
.050±.002
27.5±0.5
1.083±0.01
11.1±0.1
.437±.004
12.73-12.79
0.5-0.504
Epoxy
MC1


Similar Part No. - AM2504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2504 ETC-AM2504 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
AM2504DC ETC-AM2504DC Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
AM2504DM ETC-AM2504DM Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
AM2504FM ETC-AM2504FM Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
AM2504PC ETC-AM2504PC Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
More results

Similar Description - AM2504

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AM5001 CHENYI-AM5001 Datasheet
147Kb / 2P
   HIGH VOLTAGE PRESS FIT DIODE FOR AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAM5001 GOOD-ARK-GAM5001 Datasheet
142Kb / 2P
   High Voltage Press Fit Diodes For Automotive
GAM2501 GOOD-ARK-GAM2501 Datasheet
124Kb / 2P
   High Voltage Press Fit Diodes For Automotive
logo
Shanghai Lunsure Electr...
AM251 CHENYI-AM251 Datasheet
151Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
LPRG351 PFS-LPRG351 Datasheet
176Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAH401 GOOD-ARK-GAH401 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
GAM251 GOOD-ARK-GAM251 Datasheet
124Kb / 2P
   Press Fit Automotive Rectifier
GAM501 GOOD-ARK-GAM501 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
logo
Shanghai Lunsure Electr...
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GB304P GOOD-ARK-GB304P Datasheet
370Kb / 5P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com