Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP30M Datasheet(PDF) 3 Page - Shanghai Lunsure Electronic Tech

Part # GP30M
Description  3.0Amp glass passivated junction rectifiers 50to1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

GP30M Datasheet(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  GP30M Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech GP30M Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech GP30M Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
8
100
4
0
50
100
150
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
200
250
300
GP30A thru GP30M
www.cnelectr.com


Similar Part No. - GP30M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP30M ZOWIE-GP30M Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
GP30M NJSEMI-GP30M Datasheet
94Kb / 1P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
General Semiconductor
GP30M GE-GP30M Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30M VISHAY-GP30M Datasheet
72Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
logo
Micro Commercial Compon...
GP30M MCC-GP30M Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
More results

Similar Description - GP30M

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
RGP30A CHENYI-RGP30A Datasheet
52Kb / 3P
   3.0Amp glass passivated junction fast recovery rectifiers 50to1000 volts
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
GP10A CHENYI-GP10A Datasheet
53Kb / 3P
   1.0Amp glass passivated junction rectifiers 50to1000 volts
GP15A CHENYI-GP15A Datasheet
47Kb / 3P
   1.5Amp glass passivated junction rectifiers 50to1000 volts
RGP15A CHENYI-RGP15A Datasheet
50Kb / 3P
   1.5Amp glass passivated junction fast recovery rectifiers 50to1000 volts
HER301 CHENYI-HER301 Datasheet
56Kb / 2P
   3.0Amp high efficient rectifiers 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
HER201G CHENYI-HER201G Datasheet
277Kb / 2P
   2.0Amp glass passivated high efficient rectifiers 50to1000 volts
EGP30A CHENYI-EGP30A Datasheet
59Kb / 3P
   3.0Amp glass passivated high efficient rectifiers 50to800 volts
RGP20A CHENYI-RGP20A Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com