Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX0540 Datasheet(PDF) 3 Page - Shanghai Lunsure Electronic Tech

Part # MBRX0540
Description  0.5Amp schottky rectifier 20to100 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBRX0540 Datasheet(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  MBRX0540 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBRX0540 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech MBRX0540 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBRX0520 thru MBRX05100
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.8
1.0
1.2
1
100
4
0
10
5
20
30
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
www.cnelectr.com


Similar Part No. - MBRX0540

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX0540 MCC-MBRX0540 Datasheet
97Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 100 Volts
MBRX0540 MCC-MBRX0540 Datasheet
205Kb / 5P
   0.5 Amp Schottky Rectifier 20 to 60 Volts
logo
Galaxy Semi-Conductor H...
MBRX0540 BILIN-MBRX0540 Datasheet
218Kb / 3P
   SMALL SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Shenzhen Luguang Electr...
MBRX0540 LUGUANG-MBRX0540 Datasheet
401Kb / 3P
   Small Surface Mount Schottky Rectifiers
logo
Shenzhen Taychipst Elec...
MBRX0540 TAYCHIPST-MBRX0540 Datasheet
2Mb / 2P
   Schottky Rectifier
More results

Similar Description - MBRX0540

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR0520 CHENYI-MBR0520 Datasheet
55Kb / 2P
   0.5Amp schottky rectifier 20to100 volts
MS820 CHENYI-MS820 Datasheet
56Kb / 3P
   8Amp schottky barrier rectifier 20to100 volts
MBR2520CT CHENYI-MBR2520CT Datasheet
218Kb / 2P
   25Amp schottky barrier rectifier 20to100 volts
MBRX02520 CHENYI-MBRX02520 Datasheet
90Kb / 3P
   0.25Amp schottky barrier rectifier 20to100 volts
MBR1520CT CHENYI-MBR1520CT Datasheet
85Kb / 2P
   15Amp schottky barrier rectifier 20to100 volts
MBRF1020CT CHENYI-MBRF1020CT Datasheet
65Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
   20Amp schottky barrier rectifier 20to100 volts
MBR1020 CHENYI-MBR1020 Datasheet
106Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
MBR1520 CHENYI-MBR1520 Datasheet
74Kb / 2P
   15Amp schottky barrier rectifier 20to100 volts
logo
Sirectifier Global Corp...
CH551H-30PT SIRECT-CH551H-30PT Datasheet
172Kb / 2P
   Schottky Rectifier - 0.5Amp 30Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com