Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGC10DH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # UGC10DH
Description  Ultrafast Efficient Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

UGC10DH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  UGC10DH Datasheet HTML 1Page - Zowie Technology Corporation UGC10DH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(200V~800V / 1.0 A)
UGC10DLH THRU UGC10KLH
2009/09
REV. 0
FIG.1 - FORWARD CURRENT DERATING CURVE
1.25
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
175
150
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
UGC10DH & UGC10GH
UGC10JH & UGC10KH
0
5
10
15
35
20
25
30
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
2
4
10
6
20
60
100
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.2
0.6
1.0
1.4
1.8
2.2
PULSE WIDTH=300uS
1% DUTY CYCLE
UG
C10
J
UG
C10
K
UG
C1
0G
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
TJ = 25oC
0.01
0
20
0.1
1.0
10
100
TJ=125oC
TJ=150oC
TJ=25oC
40
60
80
100 110


Similar Part No. - UGC10DH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGC10DAPH ZOWIE-UGC10DAPH Datasheet
46Kb / 2P
   Ultrafast Efficient Rectifier
More results

Similar Description - UGC10DH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BUGC20DAPH ZOWIE-BUGC20DAPH Datasheet
63Kb / 2P
   Ultrafast Efficient Rectifier
AUSUGC10JH ZOWIE-AUSUGC10JH Datasheet
44Kb / 2P
   Ultrafast Efficient Rectifier
SUGC08KH ZOWIE-SUGC08KH Datasheet
38Kb / 2P
   Ultrafast Efficient Rectifier
BYD127ZH ZOWIE-BYD127ZH Datasheet
47Kb / 2P
   Ultrafast Efficient Rectifier
BYD147ZH ZOWIE-BYD147ZH Datasheet
47Kb / 2P
   Ultrafast Efficient Rectifier
logo
General Semiconductor
SUF15G GE-SUF15G Datasheet
55Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
UGC20DAPH ZOWIE-UGC20DAPH Datasheet
45Kb / 2P
   Ultrafast Efficient Rectifier
UGC10DAPH ZOWIE-UGC10DAPH Datasheet
46Kb / 2P
   Ultrafast Efficient Rectifier
BUGC20DH ZOWIE-BUGC20DH Datasheet
56Kb / 2P
   Ultrafast Efficient Rectifier
BUGC30DH ZOWIE-BUGC30DH Datasheet
66Kb / 2P
   Ultrafast Efficient Rectifier
BYD187ZH ZOWIE-BYD187ZH Datasheet
47Kb / 2P
   Ultrafast Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com