Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1006AYW-3R0M Datasheet(PDF) 1 Page - TOKO, Inc

Part # A1006AYW-3R0M
Description  High Reliability Fixed Inductors for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A1006AYW-3R0M Datasheet(HTML) 1 Page - TOKO, Inc

  A1006AYW-3R0M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DH63LCB
Inductance Range: 1.2~150
μH
(Unit: mm)
4.6
6.6
(Unit: mm)
• High reliability for vehicle application.
• Operating temperature range : –55°C~+125°C
• Low profile (6.2 × 6.3mm Max. square, 3.0mm Max. height).
• Magnetically shielded construction and low DC resistance.
• Suitable for large currents.
• Ideal for a variety of DC-DC converter inductor applications.
• RoHS compliant.
• 車載機器向け信頼性向上品
• 使用温度範囲:–55°C∼+125°C
• 小型薄形構造(6.2 × 6.3mm角Max. 高さ3.0mm Max.)
• 閉磁路構造、低直流抵抗
• 大電流対応
• 各種機器のDC-DCコンバータ用インダクタに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE DH63LCB (With Ferrite Shield)
閉磁路タイプ(リングコア有り) (Quantity/reel; 1,500 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
L (
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=30%
Temperature
Rise Current
(3)
ΔT=20°C
(A) Max.
A1006AYW-1R2M
1.2
± 20
20
2.40
3.20
A1006AYW-2R4M
2.4
± 20
24
1.90
2.70
A1006AYW-3R0M
3.0
± 20
28
1.60
2.40
A1006AYW-4R7M
4.7
± 20
37
1.30
2.00
A1006AYW-7R5M
7.5
± 20
51
1.00
1.70
A1006AYW-100M
10.0
± 20
71
0.88
1.30
A1006AYW-150M
15.0
± 20
105
0.69
1.10
A1006AYW-220M
22.0
± 20
145
0.57
0.90
A1006AYW-330M
33.0
± 20
220
0.47
0.70
A1006AYW-470M
47.0
± 20
340
0.39
0.57
A1006AYW-680M
68.0
± 20
460
0.32
0.46
A1006AYW-101M
100.0
± 20
640
0.27
0.38
A1006AYW-151M
150.0
± 20
1070
0.21
0.29
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which inductance decrease
current, or temperature rise current, whichever is smaller.
・ Inductance decrease current : The inductance value decreases
30% by the excitation of DC current. (reference ambient
temperature 125°C)
・ Temperature rise current : The temperature rises 20°C by
excitation of DC current. (reference ambient temperature 20°C)
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3)
最大許容電流:直流重畳許容電流値と温度上昇許容電流値の何れ
か小さい値です。
・ 直流重畳許容電流:直流重畳特性においてインダクタンス値が
30%
低下した時の電流値。(周囲温度125
°C)
・ 温度上昇許容電流:直流を流した時の巻線温度上昇が20
°Cに達
する電流値。(周囲温度20
°C)
ΔL
L
Recommended patterns
推奨パターン図
FEATURES
/特長
DIMENSIONS
/外形寸法図
High Reliability Fixed Inductors for Surface Mounting
高信頼性面実装
づけ
固定インダクタ


Similar Part No. - A1006AYW-3R0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1006 ETC2-A1006 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
A1006 ETC1-A1006 Datasheet
1Mb / 24P
   Desoldering Tool
A1006 ETC2-A1006 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
logo
NXP Semiconductors
A1006 NXP-A1006 Datasheet
555Kb / 18P
   Secure Authenticator IC
Rev. 1-25 July 2018
A1006TL NXP-A1006TL Datasheet
555Kb / 18P
   Secure Authenticator IC
Rev. 1-25 July 2018
More results

Similar Description - A1006AYW-3R0M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DSH104C TOKO-DSH104C Datasheet
56Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DSH126C TOKO-DSH126C Datasheet
57Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH10F TOKO-DH10F Datasheet
85Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH124C TOKO-DH124C Datasheet
69Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com