Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1072AS-6R8M Datasheet(PDF) 2 Page - TOKO, Inc

Part # 1072AS-6R8M
Description  Fixed Inductors for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1072AS-6R8M Datasheet(HTML) 2 Page - TOKO, Inc

  1072AS-6R8M Datasheet HTML 1Page - TOKO, Inc 1072AS-6R8M Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
SELECTION GUIDE FOR STANDARD COILS
TYPE DE2815C (Magnetically Shielded)
閉磁路タイプ,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
1071AS-R47N
0.47
± 30
30 (25)
2.90 (3.80)
3.50 (4.20)
1071AS-1R0N
1.0
± 30
40 (33)
2.10 (2.70)
2.80 (3.30)
1071AS-1R5N
1.5
± 30
44 (37)
1.70 (2.30)
2.50 (3.00)
1071AS-2R2M
2.2
± 20
60 (50)
1.40 (1.80)
2.00 (2.40)
1071AS-2R7M
2.7
± 20
78 (65)
1.20 (1.60)
1.80 (2.10)
1071AS-3R3M
3.3
± 20
84 (70)
1.10 (1.50)
1.70 (2.00)
1071AS-4R7M
4.7
± 20
120 (100)
0.95 (1.30)
1.40 (1.70)
1071AS-6R8M
6.8
± 20
180 (150)
0.80 (1.00)
1.10 (1.30)
1071AS-100M
10.0
± 20
252 (210)
0.65 (0.90)
0.95 (1.10)
1071AS-120M
12.0
± 20
288 (240)
0.60 (0.80)
0.85 (1.00)
TYPE DE2818C (Magnetically Shielded)
閉磁路タイプ,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
1072AS-R47N
0.47
± 30
22 (18)
2.75 (3.65)
4.40 (5.20)
1072AS-1R0N
1.0
± 30
30 (25)
1.95 (2.60)
3.50 (4.20)
1072AS-1R5N
1.5
± 30
34 (28)
1.65 (2.20)
3.10 (3.70)
1072AS-1R8N
1.8
± 30
42 (35)
1.50 (2.00)
2.80 (3.30)
1072AS-2R2M
2.2
± 20
47 (39)
1.35 (1.80)
2.60 (3.00)
1072AS-2R7M
2.7
± 20
58 (48)
1.20 (1.60)
2.20 (2.60)
1072AS-3R3M
3.3
± 20
64 (53)
1.10 (1.45)
2.10 (2.50)
1072AS-4R7M
4.7
± 20
87 (72)
0.95 (1.25)
1.80 (2.10)
1072AS-6R8M
1072AS-100M
1072AS-120M
6.8
10.0
12.0
± 20
± 20
± 20
138 (115)
174 (145)
228 (190)
0.78 (1.05)
0.65 (0.86)
0.60 (0.80)
1.35 (1.60)
1.20 (1.40)
1.00 (1.20)
(1) Inductance is measured with a LCR meter 4284A* or equivalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(ADVANTEST) or equivalent.
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, coil temperature to rise
by 40
℃ whichever is smaller.
(Reference ambient temperature 20
℃)
* Agilent Technologies
(1)
インダクタンスはLCRメータ4284A* または同等品により測定す
る。測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する
(3)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40℃上昇の何れか小さい値です。
(周囲温度20℃を基準とする。)
* Agilent Technologies
ΔL
L
ΔL
L
Fixed Inductors for Surface Mounting
実装
づけ
用固定インダクタ


Similar Part No. - 1072AS-6R8M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1072A BELDEN-1072A Datasheet
161Kb / 2P
   Inst, 12 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
01-04-2024
1072A-0105000 BELDEN-1072A-0105000 Datasheet
161Kb / 2P
   Inst, 12 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
01-04-2024
More results

Similar Description - 1072AS-6R8M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
   Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
   Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
   Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
   Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
   Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
   Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com