Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK107MAN-AO-10 Datasheet(PDF) 1 Page - TOKO, Inc

Part # SK107MAN-AO-10
Description  FM Ceramic Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

SK107MAN-AO-10 Datasheet(HTML) 1 Page - TOKO, Inc

  SK107MAN-AO-10 Datasheet HTML 1Page - TOKO, Inc SK107MAN-AO-10 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE CFSKN
SKMAN
SKM0N
SKM1N
SKM2N
SKM3N
SKM4N
SKM5N
(Unit: mm)
Features
• Compact and low profile — ideal for slimline sets.
• Low temperature coefficient and dispersion for reliable
response.
• High selectivity for excellent spurious response control.
• Abundant bandwidth variations U.S. FM stereo sets.
• A wide range of applications characteristics cover the
following Series, viz., standard S, Low Loss X and Group
Delay G.
• RoHS compliant
特 長
• 小型低背であり、薄形セットに最適
• 低温度係数で、バラツキが少なく安定した特性
• 高選択度特性でスプリアス抑圧が優れている
• 帯域バリエーションが豊富
• また、用途特性から仕分けて揃えた各種シリーズにより、
多様化するあらゆるご要求に対応
★シリーズ:標準Sシリーズ、低損失Xシリーズ、群遅延時間
管理Gシリーズ
• RoHS指令対応
Applications
• Radios, radio cassettes, car radio, home stereo.
• Wireless data communications equipment and digital
communications equipment.
用 途
• ラジオ、ラジオカセット、カーラジオ、ホームステレオ
• 無線応用機器、デジタル通信機器
SELECTION GUIDE FOR STANDARD FILTERS
TYPE CFSKN Standard S Series
東光品番
中心周波数
3dB帯域幅
20dB帯域幅
挿入損失
スプリアス減衰量
入出力側
インピーダンス
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
at 3dB
(kHz)
Bandwidth
at 20dB
(kHz)Max.
Insertion
Loss
(dB)Max.
Spurious
Response
(dB)Min.
Input/Output
Impedance
(
Ω)
#SK107MAN-AO-10
10.700
±0.03
380
±50
720
5.0
30
330/330
#SK107M0N-AO-10
10.700
±0.03
330
±50
680
6.0
30
330/330
#SK107M1N-AO-10
10.700
±0.03
280
±50
650
6.0
30
330/330
#SK107M2N-AO-20
10.700
±0.03
230
±50
600
6.0
40
330/330
#SK107M3N-AO-20
10.700
±0.03
180
±40
520
7.0
40
330/330
#SK107M4N-AO-20
10.700
±0.03
150
±40
400
10.0
40
330/330
#SK107M5N-AO-10
10.700
±0.03
110
±40
350
10.0
30
330/330
TYPE CFSKN Low Loss X Series
東光品番
中心周波数
3dB帯域幅
20dB帯域幅
挿入損失
スプリアス減衰量
入出力側
インピーダンス
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
at 3dB
(kHz)
Bandwidth
at 20dB
(kHz)Max.
Insertion
Loss
(dB)Max.
Spurious
Response
(dB)Min.
Input/Output
Impedance
(
Ω)
#SK107M0N-AO-10X
10.700
±0.03
330
±50
680
2.5
±2.0
30
330/330
#SK107M1N-AO-10X
10.700
±0.03
280
±50
650
2.5
±2.0
30
330/330
#SK107M2N-AO-20X
10.700
±0.03
230
±50
600
3.0
±2.0
40
330/330
#SK107M3N-AO-20X
10.700
±0.03
180
±40
520
3.5
±1.5
40
330/330
#SK107M4N-AO-20X
10.700
±0.03
150
±40
400
5.5
±2.0
40
330/330
#SK107M5N-AO-10X
10.700
±0.03
110
±40
350
6.0
±2.0
30
330/330
* Standard Center Frequency:
10.7MHz
* Applicable Center Frequency:
10.3MHz−11.5MHz
* Center Frequency Tolerance:
Standard
±30kHz; ±25kHz and
±20kHz also available
* 標準中心周波数
:10.7MHz
* 対応可能中心周波数:10.3MHz∼11.5MHz
* 中心周波数許容
:標準
±30kHz、他に±25kHz、±20kHzがあります。
continued on next page
次頁へ続く
FM Ceramic Filters
FM セラミックフィルタ
TYPE
CFSKN


Similar Part No. - SK107MAN-AO-10

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
SK107MAN-AE-10 TOKO-SK107MAN-AE-10 Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
More results

Similar Description - SK107MAN-AO-10

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
   FM CERAMIC FILTERS
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
   FM CERAMIC FILTERS
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
   FM Ceramic Filters
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
   FM Ceramic Filters
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
   Radial Taping / FM Ceramic Filters
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
   RADIAL TAPING FM CERAMIC FILTERS
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
   Ceramic Filters (CERAFIL) for FM Receivers
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com